Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS2H-5930 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CSS2H-5930
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS2H-5930 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CSS2H-5930 Datasheet HTML 1Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 2Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 3Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
SIZE
MATERIAL TYPE
MANUFACTURER’S
TRADEMARK
DATE CODE:
YYWW
RESISTANCE
TOLERANCE:
F = 1 %
J = 5 %
RESISTANCE
CODE
IN MILLIOHMS:
“L” = DECIMAL POINT
PART IDENTIFICATION:
CSS = CURRENT SENSOR SHUNT
2H = NUMBER OF
TERMINALS & STYLE
CSS2H-5930K
2L00 1%
1602
15.0 ± 0.25
(0.591 ± 0.010)
7.75 ± 0.20
(0.305 ± 0.007)
TRIMMING AREA
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
Y
5.00 +0.20/-0.30
(0.197 +0.007/-0.011)
4.20 +0.20/-0.50
(0.165 +0.007/-0.019)
8.75
(0.344)
5.20
(0.205)
16.00
(0.630)
SENSE TERMINALS
SOLDER PADS
0.50 ± 0.20
(0.020 ± 0.007)
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
ModelCSS2H-5930SeriesCurrentSenseResistor
Product Dimensions
Part Number
Dimension Y
CSS2H-5930C-000
0.42±0.1
(0.016±0.004)
CSS2H-5930R-L200x
1.20±0.2
(0.047±0.008)
CSS2H-5930R-L300x
0.84±0.1
(0.033±0.004)
CSS2H-5930R-L500x
0.42±0.1
(0.016±0.004)
CSS2H-5930K-1L00x
0.84±0.1
(0.033±0.004)
CSS2H-5930K-2L00x
0.42±0.1
(0.016±0.004)
CSS2H-5930K-3L00x
DIMENSIONS:
MM
(INCHES)
15.0 ± 0.25
(0.591 ± 0.010)
7.75 ± 0.20
(0.305 ± 0.007)
TRIMMING AREA
BASE MATERIAL
COPPER ALLOY C10200
RESISTIVE MATERIAL
Y
5.00 +0.20/-0.30
(0.197 +0.007/-0.011)
4.20 +0.20/-0.50
(0.165 +0.007/-0.019)
8.75
(0.344)
5.20
(0.205)
16.00
(0.630)
SENSE TERMINALS
SOLDER PADS
0.50 ± 0.20
(0.020 ± 0.007)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com