Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS2H-5930 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CSS2H-5930
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS2H-5930 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CSS2H-5930 Datasheet HTML 1Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 2Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 3Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
ModelCSS2H-5930SeriesCurrentSenseResistor
TCR Curves
1.5
2.0
0.5
1.0
-0.5
0
-1.5
-2.0
-55
-30
-5
20
45
Temperature (°C)
K-Type Resistive Material
70
95
120
145
170
-1.0
Material Chart
±100 PPM TCR
1.5
2.0
0.5
1.0
-0.5
0
-1.5
-2.0
-55
-30
-5
20
45
Temperature (°C)
R-Type Resistive Material
70
95
120
145
170
-1.0
Material Chart
±100 PPM TCR
0.8
1.0
0.2
0.6
-0.2
0
-0.8
-1.0
-55
-30
-5
20
45
Temperature (°C)
K-Type Resistive Material
70
95
120
145
170
-0.6
0.4
-0.4
Material Chart
±50 PPM TCR
0.8
1.0
0.2
0.6
-0.2
0
-0.8
-1.0
-55
-30
-5
20
45
Temperature (°C)
R-Type Resistive Material
70
95
120
145
170
-0.6
0.4
-0.4
Material Chart
±50 PPM TCR
Power Derating Curves
0
0204080
100
120
140
180
0.2
0.4
TerminalTemperature(°C)
0.8
1.2
1.0
0.6
60
70°C
160
0
0204080
100
120
140
180
0.2
0.4
TerminalTemperature(°C)
0.8
1.2
1.0
0.6
60
130°C
160
0
0204080
100
120
140
180
0.2
0.4
TerminalTemperature(°C)
0.8
1.2
1.0
0.6
60
70°C
160
0
0204080
100
120
140
180
0.2
0.4
TerminalTemperature(°C)
0.8
1.2
1.0
0.6
60
130°C
160
@70 °C
@130 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com