Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS2H-5930 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CSS2H-5930
Description  Current Sense Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CSS2H-5930 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CSS2H-5930 Datasheet HTML 1Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 2Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 3Page - Bourns Electronic Solutions CSS2H-5930 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
ModelCSS2H-5930SeriesCurrentSenseResistor
Packaging Specifications
DIMENSIONS:
MM
(INCHES)
TOP COVER TAPE
COMPONENT
ORIENTATION
TRIMMING
POSITION
0.25
(0.010)
0.242
(0.010)
MATTE
FINISH
EMBOSSED
CARRIER
CSS2H-5930K
2L00 1%
1602
CSS2H-5930K
2L00 1%
1602
CSS2H-5930K
2L00 1%
1602
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
REV.11/16
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
Components packaged on plastic tape & reel per EIA-481.
Standard Reel Size: 13 inches
Tape Width:
24 mm
Quantity:
1,500 pcs. per reel
Mini-Reel Size:
7 inches
Tape Width:
24 mm
Quantity:
500 pcs. per reel



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com