Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCCUD Datasheet(PDF) 17 Page - Micro Electronics

Part # MLX90308CCCUD
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCUD Datasheet(HTML) 17 Page - Micro Electronics

Back Button MLX90308CCCUD Datasheet HTML 13Page - Micro Electronics MLX90308CCCUD Datasheet HTML 14Page - Micro Electronics MLX90308CCCUD Datasheet HTML 15Page - Micro Electronics MLX90308CCCUD Datasheet HTML 16Page - Micro Electronics MLX90308CCCUD Datasheet HTML 17Page - Micro Electronics MLX90308CCCUD Datasheet HTML 18Page - Micro Electronics MLX90308CCCUD Datasheet HTML 19Page - Micro Electronics MLX90308CCCUD Datasheet HTML 20Page - Micro Electronics MLX90308CCCUD Datasheet HTML 21Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 17
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 17
Rev 2.2
23/Oct/01
Byte
Designation
Note
12
OFTC3L or
P3L
The eight LSB's of the third offset TC OFTC3[7:0].
The eight LSB's of Pressure Point 2 (or Signature) P2[7:0].
13
TR3L or
PC2L
The eight LSB's of the third temperature point T3[7:0].
The eight LSB's of Pressure Coefficient 2 PC2[7:0].
14
GNTC4L or
P2L
The eight LSB's of the fourth gain TC GNTC4[7:0].
The eight LSB's of Pressure Point 2 P2[7:0].
15
OFTC4L or
PC1L
The eight LSB's of the fourth offset TC OFTC4.
The eight LSB's of Pressure Coefficient 1 PC1
16
PoffL
The eight LSB's of Pressure (output signal) Ordinate Poff[7:0].
Upper
Lower
Four
Four
Bits
Bits
Upper four bits.
Lower four bits
17
GN1[9:8]
OF1[9:8]
Two MSB's of fixed gain
Two MSB's of fixed offset
GN[9:8].
OF[9:8]
18
GNTC1[11:8]
OFTC1[11:8]
Four MSB's of first gain TC
Four MSB's of the first offset
GNTC1[11:8].
TC OFTC1[11:8].
19
TR1[9:8]
GNTC2[11:8]
PC5[11:8]
P5[9:8]
Two MSB's, first temperature
Four MSB's, second gain
point T1[9:8] or
TC GNTC2[11:8] or
Four MSB's, Pressure
TC GNTC2[11:8] or
Coefficient 5 PC5[11:8].
Two MSB's Pressure Point 5
P5[9:8].
20
OFTC2[11:8]
TR2[9:8]
PC4[11:8]
P4[9:8]
Four MSB's second offset
Two MSB's second
TC OFTC2[11:8] or
temperature point T2[9:8] or
Four MSB's Pressure
Two MSB's Pressure Point 4
Coefficient 4 PC4[11:8].
P4[9:8].
21
GNTC3[11:8]
OFTC3[11:8]
PC3[11:8]
P3[9:8]
Four MSB's third gain TC
Four MSB's third offset
GNTC3[11:8] or
TC OFTC3[11:8] or
Four MSB's Pressure
Two MSB's Pressure Point 3
Coefficient 3 PC3[11:8]).
P3[9:8].
22
TR3[9:8]
GNTC4[11:8]
PC2[9:8]
P2[9:8]
Two MSB's third
Four MSB's fourth gain TC
temperature point t3[9:8] or
GNTC4[11:8] or
Four MSB's Pressure
Two MSB's Pressure
Coefficient 2 PC2[11:8].
Point 2 P2[9:8].
23
OFTC4[11:8]
Poff[9:8]
PC1[11:8]
Four MSB's fourth offset TC
Two MSB's Pressure
ordinate
OFTC4[11:8] or
Poff[9:8].
Four MSB's Pressure
Coefficient 1 PC1[11:8].
Table 11. EEPROM Byte Definitions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com