Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCCUD Datasheet(PDF) 6 Page - Micro Electronics

Part # MLX90308CCCUD
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCUD Datasheet(HTML) 6 Page - Micro Electronics

Back Button MLX90308CCCUD Datasheet HTML 2Page - Micro Electronics MLX90308CCCUD Datasheet HTML 3Page - Micro Electronics MLX90308CCCUD Datasheet HTML 4Page - Micro Electronics MLX90308CCCUD Datasheet HTML 5Page - Micro Electronics MLX90308CCCUD Datasheet HTML 6Page - Micro Electronics MLX90308CCCUD Datasheet HTML 7Page - Micro Electronics MLX90308CCCUD Datasheet HTML 8Page - Micro Electronics MLX90308CCCUD Datasheet HTML 9Page - Micro Electronics MLX90308CCCUD Datasheet HTML 10Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 6
Rev 2.2
23/Oct/01
Table 1. MLX90308 Electrical Specifications (continued)
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Test Conditions
Min
Typ
Max
Units
Input & Output Pins (I01 & I02)
Digital input levels
Low
0.5
V
High
VDD-0.5
Output Levels
@ output current = 5mA low
VDD-0.4
0.4
V
@ Output current = 5mA high
VDD
TSTB Pin
Input levels
Low
0.5
V
High
VDD-0.5
Pull-up Resistor
66
kOhms
FLT Pin
Output resistance
1.24
kOhms
Output voltage range
VDD = 5V
0.05
3.6
V
OFC Pin
Output voltage range
VDD = 5V
0.05
3.75
V
Load capacitor
20
pf
UART & COMS Pin
UART baud rate
TURBO = 0
2400
baud
TURBO = 1
9600
baud
COMS pin input levels
Low
0.3*VDD
V
High
0.7*VDD V
COMS Pin Output Resistance
Low
100
Ohms
High
100
kOhms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com