Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90308CCCUD Datasheet(PDF) 3 Page - Micro Electronics

Part # MLX90308CCCUD
Description  Programmable Sensor Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MLX90308CCCUD Datasheet(HTML) 3 Page - Micro Electronics

  MLX90308CCCUD Datasheet HTML 1Page - Micro Electronics MLX90308CCCUD Datasheet HTML 2Page - Micro Electronics MLX90308CCCUD Datasheet HTML 3Page - Micro Electronics MLX90308CCCUD Datasheet HTML 4Page - Micro Electronics MLX90308CCCUD Datasheet HTML 5Page - Micro Electronics MLX90308CCCUD Datasheet HTML 6Page - Micro Electronics MLX90308CCCUD Datasheet HTML 7Page - Micro Electronics MLX90308CCCUD Datasheet HTML 8Page - Micro Electronics MLX90308CCCUD Datasheet HTML 9Page - Micro Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MLX902xx Name of Sensor
Rev Y.X
22/Aug/98
Page 3
MLX90308CCC
Programmable Sensor Interface
MLX90308CCC Programmable Sensor Interface
Page 3
Rev 2.2
23/Oct/01
Table 1. MLX90308 Electrical Specifications
DC operating parameters: TA = -40 to 140
oC, V
DD1 = 6 to 35VDC (unless otherwise specified).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Regulator & Consumption
Input voltage range
VIN
VDD1 (Regulator connected)
6
35
V
Supply current
IDD
@ TA = 100ºC Current Mode
2.1
mA
Supply current
IDD
@ TA = 100ºC Voltage Mode
5.0
mA
Regulated supply voltage
VREG
4.5
4.75
5.2
V
Regulated voltage
temperature coefficient
-600
uV / ºC
Supply rejection ratio
PSRR
VDD1 > 6V
90
dB
Instrumentation Amplifier
Differential input range
VBP-VBN IINV = 0
-11.0
32.0
mV/V(Vdd)
Differential input range
VBP-VBN IINV = 1
-32.0
11.0
mV/V(Vdd)
Common mode input range
1/2(VBP+VBN)
38.0
65.0
%VDD
Pin leakage current
Pins VBP & VBN to GND, VDD =
8.0
nA
Common mode rejection
CMRR
60
dB
Hardware gain
18
22
V/V
Coarse offset control Range
CSOF[1:0] = 00
-15.3
-13.9 mV/V
CSOF[1:0] = 01
-5.1
-3.8
mV/V
CSOF[1:0] = 10
3.8
5.1
mV/V
CSOF[1:0] = 11
13.9
15.3
mV/V
Fixed offset control range
High
6.0
8.0
mV/V
Low
-7.0
-5.0
mV/V
IA chopper frequency
300
kHz
Gain Stage
Course gain
CSGN = 000
3.0
3.3
V/V
(Fixed Gain = 1023)
CSGN = 001
4.9
5.4
V/V
CSGN = 010
8.0
8.8
V/V
CSGN = 011
12.8
14.1
V/V
CSGN = 100*
7.9
8.7
V/V
CSGN = 101*
12.7
14.0
V/V
* CSGN = 100 to 111: voltage mode
only, not applicable to current mode.
Output > 6.5V; MSB = 1
Output < 6.5V; MSB = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com