Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 66Page - STMicroelectronics ST72754 Datasheet HTML 67Page - STMicroelectronics ST72754 Datasheet HTML 68Page - STMicroelectronics ST72754 Datasheet HTML 69Page - STMicroelectronics ST72754 Datasheet HTML 70Page - STMicroelectronics ST72754 Datasheet HTML 71Page - STMicroelectronics ST72754 Datasheet HTML 72Page - STMicroelectronics ST72754 Datasheet HTML 73Page - STMicroelectronics ST72754 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 144 page
background image
ST72774/ST727754/ST72734
70/144
SYNC PROCESSOR (SYNC) (Cont’d)
COUNTER CONTROL REGISTER (CCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7 = PSCD
Prescaler Enable bit.
0: Enable the Prescaler by 256
1: Disable the Prescaler and reset it to 7Fh. This
also disables the ICAP2 event.
Bit 6:5 = LCV1, LCV0
VSYNCO Extraction Control
Bit 4:0 = CV4-CV0
Counter Captured Value.
These bits contain the counter captured value in
different modes.
In VSYNCO extraction mode, they contain the
HSYNCI pulse-width measurement.
POLARITY REGISTER (POLR)
Bits 5-4 Read Only, other bits Read/Write
Reset Value: 0000 1000 (08h)
Bit 7 = SOG
Sync On Green Detector
SOG is set by hardware if CSYNCI pulse is not
included in the window between HSYNCI rising
edge and HSYNCI falling edge + dt .
Cleared by software.
Table 19. Sync On Green Window
Bit 6 = Reserved, forced by hardware to 0.
Bit 5 = VPOL
Vertical Sync polarity (read only)
0: Positive polarity
1: Negative polarity
Note: If the Vertical Sync polarity is changing, the VPOL
bit will be updated after a typical delay of 4 msec.
Bit 4 = 2FHDET
Detection of Pre/Post Equalization
pulses (read only).
This bit is continuously updated by hardware. It is
valid when the sync generator and horizontal
analyzer are disabled (HVGEN = 0, HACQ = 0).
0: None detected
1: Pre/Post Equalization pulses detected
Bit 3 = HVSEL
Alternate Sync Input Select.
This bit selects between the two sets of Horizontal
and Vertical Sync inputs
0: HSYNCI2 / VSYNCI2
1: HSYNCI1 / VSYNCI1
Bit 2 = VCORDIS
Extension Disable Signal
(Extension with VGENR Register)
0: enable
1: disable
Bit 1 = CLPINV
Programmable ClampOut pulse
polarity.
0: Positive
1: Negative
Bit 0 = BLKINV
Programmable blanking polarity
0: Negative
1: Positive
70
PSCD
LCV1
LCV0 CV4 CV3 CV2 CV1
CV0
LCV1
LCV0
VSYNC0 Control Bits
00
Normal mode
Counter capture on input falling edge
01
Normal mode
Counter capture on input rising edge
10
Extraction mode
CSYNCI/HSYNCI Negative polarity
CV4-0 = counter minimum threshold
11
Extraction mode
CSYNCI/HSYNCI Positive polarity
CV4-0 = counter maximum threshold
70
SOG
0
VPOL 2FHDET HVSEL VCORDIS CLPINV BLKINV
WINDOW DELAY
min.
max.
dt
165 ns
250 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com