Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 56Page - STMicroelectronics ST72754 Datasheet HTML 57Page - STMicroelectronics ST72754 Datasheet HTML 58Page - STMicroelectronics ST72754 Datasheet HTML 59Page - STMicroelectronics ST72754 Datasheet HTML 60Page - STMicroelectronics ST72754 Datasheet HTML 61Page - STMicroelectronics ST72754 Datasheet HTML 62Page - STMicroelectronics ST72754 Datasheet HTML 63Page - STMicroelectronics ST72754 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 144 page
background image
ST72774/ST727754/ST72734
60/144
Figure 41. Moire Output (instead of Clamping Output)
4.4.5.1 Blanking output signal
The Video Blanking function uses VSYNCO,
HFBACK,
VFBACK
as
input
signals
and
BLANKOUT output as Video Blanking Output. This
output pin is a 5V open-drain output and can be
AND-wired with any external video blanking signal.
Note: HFBACK, VFBACK, VSYNCO signals must have
positive polarity.
To use the video blanking signal:
– Program the polarity:
BLKINV bit in POLR register
– Enable the BLANKOUT output:
BLKEN bit in ENR register
Figure 42. Video Blanking Stage Simplified Schematic
HFBACK
Moire
VFBACK
BLANKOUT
BLKEN
HFBACK
VFBACK
VSYNCO
To Edge detector (LATR)
R
S
To Edge detector (LATR)
BLKINV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com