Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 31Page - STMicroelectronics ST72754 Datasheet HTML 32Page - STMicroelectronics ST72754 Datasheet HTML 33Page - STMicroelectronics ST72754 Datasheet HTML 34Page - STMicroelectronics ST72754 Datasheet HTML 35Page - STMicroelectronics ST72754 Datasheet HTML 36Page - STMicroelectronics ST72754 Datasheet HTML 37Page - STMicroelectronics ST72754 Datasheet HTML 38Page - STMicroelectronics ST72754 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 144 page
background image
ST72774/ST727754/ST72734
35/144
I/O PORTS (Cont’d)
4.1.6 Port D
The Port D I/O pins are normally used for the input
and output of video synchronization signals of the
Sync Processor, but are set to I/O Input with pull-
up upon reset. The I/O mode can be set
individually for each port bit to Input with pull-up
and output push-pull through the Port D DDR.
The configuration to support the Sync Processor
requires that the SYNOP (bit7) and CLMPEN (bit6)
of the ENR (Enable Register of SYNC) is reset.
SYNOP enables port D bits 0,1 and CLMPEN
enables Port D bit 6 to the sync outputs.
Port D, bit 4:3 are the alternate inputs ITA, ITB, (for
the interrupt falling edge detector).
When a falling edge occurs on these inputs, an
interrupt will be generated depending on the status
of the INTX (ITAITE & ITBITE) bits in the MISCR
Register.
Port D, bit 6 is switched to the alternate
(CLAMPOUT) by resetting the CLMPEN bit of the
ENR Register inside SYNC block.
If the SYNC function is selected, Port D bit 5 and 3
MUST be set as input to enable the HFBACK or
VFBACK timing inputs.
Note: As these inputs are switched from normal
I/O functionality, the video synchronization signals
may also be monitored directly through the Port D
Data Register for such tasks as checking for the
presence of video signals or checking the polarity of
Horizontal and Vertical synchronization signals
(when the Sync Inputs are switched directly to the
outputs using the multiplexers of the Sync Proces-
sor).
Table 11. Port D Description
PORT D
I / O
Alternate Function
Input*
Output
Signal
Condition
PD0
With pull-up
Push-pull
VSYNCO
(push pull output)
SYNOP=0
(ENR [SYNC])
PD1
With pull-up
Push-pull
HSYNCO
(push pull output)
SYNOP=0
(ENR [SYNC])
PD2
With pull-up
Push-pull
CSYNCI (input with TTL Schmitt
trigger & pull-up)
-
PD3
With pull-up
Push-pull
ITA (input with CMOS Schmitt
trigger & pull-up)
-
VFBACK (input with TTL Schmitt
trigger & pull-up)
-
PD4
With pull-up
Push-pull
ITB (input with CMOS Schmitt
trigger & pull-up)
-
PD5
With pull-up
Push-pull
HFBACK (input with TTL Schmitt
trigger & pull-up)
-
PD6
With pull-up
Push-pull
CLAMPOUT
(push pull output)
CLMPEN=0
(ENR [SYNC])
* Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com