Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 103Page - STMicroelectronics ST72754 Datasheet HTML 104Page - STMicroelectronics ST72754 Datasheet HTML 105Page - STMicroelectronics ST72754 Datasheet HTML 106Page - STMicroelectronics ST72754 Datasheet HTML 107Page - STMicroelectronics ST72754 Datasheet HTML 108Page - STMicroelectronics ST72754 Datasheet HTML 109Page - STMicroelectronics ST72754 Datasheet HTML 110Page - STMicroelectronics ST72754 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 144 page
background image
ST72774/ST727754/ST72734
107/144
DDC INTERFACE (Cont’d)
4.8.5.2 DDC/CI - Factory Alignment Interface
4.8.5.2.1 Functional Description
Refer to the CR, SR1 and SR2 registers in Section
4.8.6. for the bit definitions.
The DDC/CI interface works as an I/O interface
between the microcontroller and the DDC2Bi,
EDDC or Factory alignment protocols. It receives
and transmits data in Slave I2C mode using an
interrupt or polled handshaking.
The interface is connected to the I2C bus by a data
pin (SDAD) and a clock pin (SCLD) configured as
open drain.
The DDC/CI interface has five internal register
locations.
Two of them are used for initialization of the
interface:
– Own Address Register OAR
– Control register CR
The following four registers are used during data
transmission/reception:
– Data Register DR
– Control Register CR
– Status Register 1 SR1
– Status Register 2 SR2
The interface decodes an I2C or DDC2Bi address
stored by software in the OAR register and/or the
EDDC address (60h/61h) as its default hardware
address.
After a reset, the interface is disabled.
4.8.5.2.2 I2C Modes
s
General description
In I2C mode, the interface can operate in the
following modes:
– Slave transmitter/receiver
Both start and stop conditions are generated by
the master. The I2C clock (SCL) is always
received by the interface from a master, but the
interface is able to stretch the clock line.
The interface is capable of recognizing both its
own programmable address (7-bit) and its default
hardware address (Enhanced DDC address: 60h/
61h). The Enhanced DDC address detection may
be enabled or disabled by software. It never
recognizes the Start byte (01h) whatever its own
address is.
s
Slave Mode
As soon as a start condition is detected, the
address is received from the SDA line and sent to
the shift register; then it is compared with the
programmable address of the interface or the
Enhanced DDC address (if selected by software).
Address not matched: the interface ignores it
and waits for another Start condition.
Address matched: the following events occur in
sequence:
– Acknowledge pulse is generated if the ACK bit is
set.
– EVF and ADSL bits are set.
– An interrupt is generated if the ITE bit is set.
Then the interface waits for a read of the SR1
register, holding the SCL line low (see Figure 67
Transfer sequencing EV1).
Next, the DR register must be read to determine
from the least significant bit if the slave must enter
Receiver or Transmitter mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com