Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 112Page - STMicroelectronics ST72754 Datasheet HTML 113Page - STMicroelectronics ST72754 Datasheet HTML 114Page - STMicroelectronics ST72754 Datasheet HTML 115Page - STMicroelectronics ST72754 Datasheet HTML 116Page - STMicroelectronics ST72754 Datasheet HTML 117Page - STMicroelectronics ST72754 Datasheet HTML 118Page - STMicroelectronics ST72754 Datasheet HTML 119Page - STMicroelectronics ST72754 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 144 page
background image
ST72774/ST727754/ST72734
116/144
4.9 PWM/BRM GENERATOR (DAC)
4.9.1 Introduction
This PWM/BRM peripheral includes two types of
PWM/BRM outputs, with differing step resolutions
based on the Pulse Width Modulator (PWM) and
Binary Rate Multiplier (BRM) Generator technique
are available. It allows the digital to analog
conversion
(DAC)
when
used
with
external
filtering.
4.9.2 Main Features
s
Fixed frequency: fCPU/64
s
Resolution: T
CPU
s
10-Bit PWM/BRM generator with a step of
V
DD/2
10 (5mV if V
DD=5V)
4.9.3 Functional Description
4.9.3.1 PWM/BRM
The 10 bits of the 10-bit PWM/BRM are distributed
as 6 PWM bits and 4 BRM bits. The generator
consists of a 12-bit counter (common for all
channels), a comparator and the PWM/BRM
generation logic.
PWM Generation
The counter increments continuously, clocked at
internal
CPU
clock.
Whenever
the
6
least
significant bits of the counter (defined as the PWM
counter) overflow, the output level for all active
channels is set.
The state of the PWM counter is continuously
compared to the PWM binary weight for each
channel, as defined in the relevant PWM register,
and when a match occurs the output level for that
channel is reset.
This Pulse Width modulated signal must be
filtered, using an external RC network placed as
close as possible to the associated pin. This
provides an analog voltage proportional to the
average charge passed to the external capacitor.
Thus for a higher mark/space ratio (High time
much greater than Low time) the average output
voltage is higher. The external components of the
RC network should be selected for the filtering
level required for control of the system variable.
Each output may individually have its polarity
inverted by software, and can also be used as a
logical output.
Figure 69. PWM Generation
COUNTER
63
COMPARE
VALUE
OVERFLOW
OVERFLOW
OVERFLOW
000
t
PWM OUTPUT
t
T
CPU x 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com