Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72754 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST72754
Description  8-BIT USB MCU FOR MONITORS, WITH UP TO 60K OTP, 1K RAM, ADC, TIMER, SYNC, TMU, PWM/BRM, H/W DDC & I2C
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72754 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST72754 Datasheet HTML 130Page - STMicroelectronics ST72754 Datasheet HTML 131Page - STMicroelectronics ST72754 Datasheet HTML 132Page - STMicroelectronics ST72754 Datasheet HTML 133Page - STMicroelectronics ST72754 Datasheet HTML 134Page - STMicroelectronics ST72754 Datasheet HTML 135Page - STMicroelectronics ST72754 Datasheet HTML 136Page - STMicroelectronics ST72754 Datasheet HTML 137Page - STMicroelectronics ST72754 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 144 page
background image
ST72774/ST727754/ST72734
134/144
6.2 AC/DC ELECTRICAL CHARACTERISTICS
(T
A = 0 to +70°C unless otherwise specified)
Note 1: HALT mode no longer exists.
Note 2: The USB cell must be put in suspend mode as well as the MCU in HALT mode. Since the latter no longer exists
for enhanced arcing protection, the measurement of the USB suspend consumption parameter is no longer relevant.
Note: : The minimum period tILIL should not be less than the number of cycle times it takes to execute the interrupt service
routine plus 21 cycles.
GENERAL
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VDD
Operating Supply Voltage
RUN & WAIT mode
4.0
5
5.5
V
IDD
CPU RUN mode
I/O in input mode
VDD = 5V
fCPU = 8 MHz,
TA = 20
° C
14
18
mA
CPU WAIT mode
12
18
mA
CPU HALT mode (see Note 1)
N/A
USB Suspend mode (see Note 2)
N/A
CONTROL TIMING
Symbol
Parameter
Conditions
Value
Unit
Min
Typ.
Max
fOSC
fCPU
Frequency of Operation:
external frequency
internal frequency
internal frequency
fOSC= 24MHz
fOSC=12MHz
24
8
4
MHz
tBU
Startup Time Built-Up Time
Crystal Resonator
8
20
ms
tRL
External RESET
Input pulse Width
1000
ns
tPORL
Internal Power Reset Duration
4096
tCPU
tPOWL
Watchdog RESET
Output Pulse Width
500
ns
tDOG
Watchdog Time-out
fCPU = 8 MHz
49152
6
3145728
384
tCPU
ms
tILIL
Interrupt Pulse Period
(1)
tCPU
tOXOV
Crystal Oscillator
Start-up Time
50
ms
tDDR
Power up rise time
VDD min
1
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com