Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Pin Description (Continued)
Pin Number
Pin Name
Function
C3
SW
Switching Node connection to the internal PFET switch and NFET synchronous rectifier.
B3
PVIN
Power Supply Input to the internal PFET switch. Connect to the input filter capacitor
(Figure 1).
A3
VDD
Analog Supply Input. If board layout is not optimum, an optional 0.1µF ceramic capacitor
is suggested (Figure 1)
A2
SGND
Analog and Control Ground
(*) Note that the pin numbering scheme for the Micro SMD package was revised in April, 2002 to conform to JEDEC standard. Only the pin numbers were revised.
No changes to the physical location of the inputs/outputs were made. For reference purpose, the obselete numbering had FB as pin 1, VID1 as pin 2, VID0 as pin
3, SYNC as pin 4, EN as pin 5, PGND as pin 6, SW as pin 7, PVIN as pin 8, VDD as pin 9 and SGND as pin 10.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com