Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM26 Datasheet HTML 11Page - National Semiconductor (TI) LM26 Datasheet HTML 12Page - National Semiconductor (TI) LM26 Datasheet HTML 13Page - National Semiconductor (TI) LM26 Datasheet HTML 14Page - National Semiconductor (TI) LM26 Datasheet HTML 15Page - National Semiconductor (TI) LM26 Datasheet HTML 16Page - National Semiconductor (TI) LM26 Datasheet HTML 17Page - National Semiconductor (TI) LM26 Datasheet HTML 18Page - National Semiconductor (TI) LM26 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Application Information
SETTING THE OUTPUT VOLTAGE
The LM2612 features pin-selectable output voltage to elimi-
nate the need for external feedback resistors. Select an
output voltage of 1.05V, 1.3V, 1.5V or 1.8V by configuring the
VID0 and VID1 pins, as directed in Table 1.
TABLE 1. VID0 and VID1 Output Voltage Selection Settings
V
OUT (V)
Logic Level
VID0
VID1
1.8
0
1
1.5
0
0
1.3
1
0
1.05
1
1
VID0 and VID1 are digital inputs. They may be set high by
connecting to VDD or low by connecting to SGND. Option-
ally, VID0 and VID1 may be driven by digital gates that
provide over 1.3V for a high state and less than 0.4V for a
low state to ensure valid logic levels. The VID0 and VID1
inputs each have an internal 1.8 µA pull-down that pulls them
low for a default 1.5V output when left unconnected. Leaving
these pins open is acceptable, but setting the pins high or
low is recommended.
INDUCTOR SELECTION
A 10µH inductor with a saturation current rating greater than
the max current limit of the device is recommended for most
applications. The inductor’s resistance should be less than
0.3
Ω for good efficiency. Table 2 lists suggested inductors
and suppliers.
TABLE 2. Suggested Inductors and Their Suppliers
Model
Vendor
Phone
FAX
DO1608C-103
Coilcraft
847-639-6400
847-639-1469
DO1606T-103
Coilcraft
UP1B-100
Coiltronics
561-241-7876
561-241-9339
UP0.4CB-100
Coiltronics
ELL6GM100M
Panasonic
714-373-7366
714-373-7323
ELL6PM100M
Panasonic
P1174.103T
Pulse Engineering
858-674-8100
858-674-8262
P0770.103T
Pulse Engineering
858-674-8100
858-674-8262
CDRH5D18-100
Sumida
847-956-0666
847-956-0702
CDRH4D28-100
Sumida
CDC5D23-100
Sumida
NP05D B100M
Taiyo Yuden
847-925-0888
847-925-0899
NP04S B100N
Taiyo Yuden
SLF6025T-100M1R0
TDK
847-803-6100
847-803-6296
SLF6020T-100MR90
TDK
A918CY-100M
Toko
847-297-0070
847-699-7864
A915AY-100M
Toko
For low-cost applications, an unshielded bobbin inductor is
suggested. For noise critical applications, a toroidal or
shielded-bobbin inductor should be used. A good practice is
to lay out the board with overlapping footprints of both types
for design flexibility. This allows substitution of a low-noise
toroidal inductor, in the event that noise from low-cost bobbin
models is unacceptable.
The saturation current rating is the current level beyond
which an inductor loses its inductance. Beyond this rating,
the inductor loses its ability to limit current through the PFET
switch to a ramp and allows the switch current to increase
rapidly. This can cause poor efficiency, regulation errors or
stress to DC-DC converters like the LM2612. Saturation
occurs when the magnetic flux density from current through
the windings of the inductor exceeds what the inductor’s
core material can support with energy storage in a corre-
sponding magnetic field.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com