Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26
Description  400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM26 Datasheet HTML 1Page - National Semiconductor (TI) LM26 Datasheet HTML 2Page - National Semiconductor (TI) LM26 Datasheet HTML 3Page - National Semiconductor (TI) LM26 Datasheet HTML 4Page - National Semiconductor (TI) LM26 Datasheet HTML 5Page - National Semiconductor (TI) LM26 Datasheet HTML 6Page - National Semiconductor (TI) LM26 Datasheet HTML 7Page - National Semiconductor (TI) LM26 Datasheet HTML 8Page - National Semiconductor (TI) LM26 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM2612BL
400mA Sub-miniature, Programmable, Step-Down DC-DC
Converter for Ultra Low-Voltage Circuits
General Description
The LM2612 step-down DC-DC converter is optimized for
powering ultra-low voltage circuits from a single Lithium-Ion
cell. It provides up to 400mA (300mA for B grade), over an
input voltage range of 2.8V to 5.5V. Pin programmable out-
put voltages of 1.05V, 1.3V, 1.5V or 1.8V allow adjustment
for MPU voltage options without board redesign or external
feedback resistors.
The device has three pin-selectable modes for maximizing
battery life in mobile phones and similar portable applica-
tions. Low-noise PWM mode offers 600kHz fixed-frequency
operation to reduce interference in RF and data acquisition
applications during full-power operation. In PWM mode, in-
ternal synchronous rectification provides high efficiency
(91% typ. at 1.8V
OUT). A SYNC input allows synchronizing
the switching frequency in a range of 500kHz to 1MHz to
avoid noise from intermodulation with system frequencies.
Low-current hysteretic PFM mode reduces quiescent current
to 160 µA (typ.) during system standby. Shutdown mode
turns the device off and reduces battery consumption to
0.02µA (typ.). Additional features include soft start and cur-
rent overload protection.
The LM2612 is available in a 10 pin micro SMD packge. This
package uses National’s wafer level chip-scale micro SMD
technology and offers the smallest possible size. Only three
small external surface-mount components, an inductor and
two ceramic capacitors are required.
Key Specifications
n
Operates from a single LiION cell (2.8V to 5.5V)
n
Internal synchronous rectification for high PWM mode
efficiency
n
Pin programmable output voltage (1.05V, 1.3V, 1.5V and
1.8V)
n
400mA maximum load capability (300mA for B grade)
n ±
2% PWM mode DC output voltage precision
n
5mV typ PWM mode output voltage ripple
n
160 µA typ PFM mode quiescent current
n
0.02µA typ shutdown mode current
n
600kHz PWM mode switching frequency
n
SYNC input for PWM mode frequency synchronization
from 500kHz to 1MHz
Features
n
Sub-miniature 10-pin micro SMD package
n
Only three tiny surface-mount external components
required
n
Uses small ceramic capacitors
n
Internal soft start
n
Current overload protection
n
No external compensation required
n
Thermal shutdown protection
Applications
n
Mobile Phones
n
Hand-Held Radios
n
Battery Powered Devices
Typical Application Circuit
20041802
December 2002
© 2002 National Semiconductor Corporation
DS200418
www.national.com


Similar Part No. - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
130Kb / 6P
Adapter Interface Circuit
LM26 NSC-LM26 Datasheet
733Kb / 16P
400mA Sub-Miniature Adjustable DC-DC Converter Optimized for RF Power Amplifiers
LM26 NSC-LM26 Datasheet
428Kb / 15P
400mA Sub-miniature, High Efficiency, Synchronous PWM & PFM Programmable DC-DC Converter
LM26 NSC-LM26 Datasheet
844Kb / 15P
500mA Sub-Miniature Step-Down DC-DC Converter
LM26 NSC-LM26 Datasheet
151Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
More results

Similar Description - LM26

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2612 NSC-LM2612 Datasheet
5Mb / 19P
400mA Sub-miniature, Programmable, Step-Down DC-DC Converter for Ultra Low-Voltage Circuits
LM3670 NSC-LM3670 Datasheet
997Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 NSC-LM3670_06 Datasheet
978Kb / 17P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677_0810 NSC-LM3677_0810 Datasheet
7Mb / 24P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
logo
Texas Instruments
LM3670MF-18 TI-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670MF-18 TI1-LM3670MF-18 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI1-LM3670_14 Datasheet
1Mb / 24P
Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3670 TI-LM3670_15 Datasheet
1Mb / 25P
LM3670 Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com