Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2637 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2637
Description  Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2637 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2637 Datasheet HTML 8Page - National Semiconductor (TI) LM2637 Datasheet HTML 9Page - National Semiconductor (TI) LM2637 Datasheet HTML 10Page - National Semiconductor (TI) LM2637 Datasheet HTML 11Page - National Semiconductor (TI) LM2637 Datasheet HTML 12Page - National Semiconductor (TI) LM2637 Datasheet HTML 13Page - National Semiconductor (TI) LM2637 Datasheet HTML 14Page - National Semiconductor (TI) LM2637 Datasheet HTML 15Page - National Semiconductor (TI) LM2637 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Applications Information (Continued)
That is, if f
z = 1.32 kHz, fp = 153 kHz, and A = 4.8x10
−6
ΩF,
then the cutoff frequency will be 50 kHz, the phase margin
will be 72˚, and the DC gain will be that of the error amplifier.
See
Figure 8.
The compensation network component values can be deter-
mined by
Equation (9), since the values of f
z,fp and A are
now known. To more conveniently calculate the values,
Equation (9) can be rearranged as follows:
(11)
Notice there are three equations but four variables. So one
of the variables can be chosen arbitrarily. Since the current
driving capability of the error amplifier is limited to around 3
mA, it is a good idea to have a high impedance path from
EAO to FB. From
Equation (11) it can be told that a larger R
2
will result in a smaller C
1,C2 and a larger R1. Calculations
show that the following combination is a good one: R
2 =
51
Ω,C
1 = 0.022 µf, R1 = 5.6 kΩ,C2 = 820 pF.
For a different application or different type of output capaci-
tors, a different compensation scheme may be necessary.
The user can either follow the steps above to figure the ap-
propriate component values or contact National for help.
Linear Section — The linear section is designed for high con-
trol bandwidth operation. The phase margin and cutoff fre-
quency depends on the external N-FET, output capacitors
and their ESR. As a rule of thumb, the designer can choose
any capacitance from 50 µF to 4000 µF, with a total ESR of
10 m
Ω to 100 mΩ. The larger the capacitance, the lower the
bandwidth. The above capacitors usually result in a control
bandwidth of 250 kHz to 1.2 MHz.
DS100848-17
FIGURE 6. Buck Converter from a Control Viewpoint
DS100848-18
FIGURE 7. Control-to-Output Bode Plots
DS100848-19
FIGURE 8. Loop Bode Plots
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com