Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2637 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2637
Description  Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2637 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2637 Datasheet HTML 9Page - National Semiconductor (TI) LM2637 Datasheet HTML 10Page - National Semiconductor (TI) LM2637 Datasheet HTML 11Page - National Semiconductor (TI) LM2637 Datasheet HTML 12Page - National Semiconductor (TI) LM2637 Datasheet HTML 13Page - National Semiconductor (TI) LM2637 Datasheet HTML 14Page - National Semiconductor (TI) LM2637 Datasheet HTML 15Page - National Semiconductor (TI) LM2637 Datasheet HTML 16Page - National Semiconductor (TI) LM2637 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Applications Information (Continued)
1.
Try to use 2 oz. copper for the ground plane if tight load
regulation is desired. In the case of dynamic voltage po-
sitioning, this may not be a concern because the loose
load regulation is desired anyway. However, do not for-
get to take into consideration the voltage drop caused by
the ground plane when calculating dynamic voltage po-
sitioning parameters.
2.
Try to keep gate drive traces short. However, do not
make them too short or else the LM2637 may be placed
too close to the FETs and get heated up by them. For the
same reason, do not use wide traces, 10 mil traces
should be enough.
3.
When not employing dynamic voltage positioning, place
the feedback point at the VRM connector pins so as to
have a tight load regulation. If it is an embedded power
supply, place the feedback point at Slot I connector or
wherever closest to the MPU.
4.
Start component placement with the power devices such
as FETs, and inductors.
5.
Do not place the LM2637 directly underneath the FETs
(on the other side of the PCB) when surface mount FETs
are used. Also try to avoid staying too close to the output
inductor, especially when using an open core inductor.
6.
If possible, keep the capacitors some distance away
from the inductors and FET heatsinks so that the capaci-
tors will have a better thermal environment. Keep in
mind that the input capacitors are usually much hotter
than output capacitors.
7.
When
implementing
dynamic
voltage
positioning
through a PCB trace, keep in mind that the PCB trace is
a heat source and try to avoid placing the trace directly
underneath the LM2637.
8.
Try to place a ceramic capacitor as close as possible to
the V
DD pin.
9.
If it is a MPU core supply, try to place the output bulk ca-
pacitors fairly close to the MPU for lower inductance.
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com