Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2637 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2637
Description  Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2637 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2637 Datasheet HTML 1Page - National Semiconductor (TI) LM2637 Datasheet HTML 2Page - National Semiconductor (TI) LM2637 Datasheet HTML 3Page - National Semiconductor (TI) LM2637 Datasheet HTML 4Page - National Semiconductor (TI) LM2637 Datasheet HTML 5Page - National Semiconductor (TI) LM2637 Datasheet HTML 6Page - National Semiconductor (TI) LM2637 Datasheet HTML 7Page - National Semiconductor (TI) LM2637 Datasheet HTML 8Page - National Semiconductor (TI) LM2637 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM2637
Motherboard Power Supply Solution with a 5-Bit
Programmable Switching Controller and Two Linear
Regulator Controllers
General Description
The LM2637 provides a comprehensive embedded power
supply solution for motherboards hosting high performance
MPUs such as M II™, Pentium™ II, K6-2 and other similar
high performance MPUs. The LM2637 incorporates a 5-bit
programmable, synchronous buck switching controller and
two high-speed linear regulator controllers in a 24-pin SO
package.
Switching Section — The switching regulator controller fea-
tures
a
5-bit
programmable
DAC,
over-current
and
over-voltage protection, under-voltage latch-off, a power
good signal, and output enable. The 5-bit DAC has a typical
tolerance of 1%. There are two user-selectable over-current
protection methods. One provides accurate over-current pro-
tection with the use of an external sense resistor. The other
saves cost by taking advantage of the r
DS_ON
of the
high-side FET. The over voltage protection provides two lev-
els of protection. The first level keeps the high-side FET off
and the low-side FET on. The second provides a gate signal
that can be used to fire an external SCR.
Linear Section — The two linear regulator controllers fea-
ture wide control bandwidth, N-FET and NPN transistor driv-
ing capability, and an adjustable output voltage. The wide
control bandwidth makes meeting fast load transient re-
sponse requirement such as that of the GTL+ bus an easy
job. In minimum configuration, the two controllers default to
1.5V and 2.5V respectively.
Both linear controllers have under voltage latch-off.
Features
n Provides 3 regulated voltages
n Power Good flag and output enable
n Under-voltage latch-off
Switching Section
n Synchronous rectification
n 5-bit DAC programmable from 3.5V to 1.3V
n Typical 1% DAC tolerance
n Switching frequency: 50 kHz to 1 MHz
n Two levels of over-voltage protection
n Two methods of over-current protection
n Adaptive non-overlapping FET gate drives
n Soft start without external capacitor
Linear Section
n N-FET and NPN driving capability
n Ultra fast response speed
n Output voltages default to 1.5V and 2.5V yet adjustable
Applications
n Embedded power supplies for PC motherboards
n Triple DC/DC power supplies
n Programmable high current DC/DC power supply
Pin Configuration
MII™ is a trademark of Cyrix Corporation a wholly owned subsidiary of National Semiconductor Corporation.
Pentium™ is a trademark of Intel Corporation.
K6 is trademark of Advanced Micro Devices, Inc.
24-Lead SOIC
DS100848-1
Top View
NS Package Number M24B
October 1998
© 1999 National Semiconductor Corporation
DS100848
www.national.com


Similar Part No. - LM2637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2630MTC-ADJ NSC-LM2630MTC-ADJ Datasheet
265Kb / 14P
Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
LM2631MTC-ADJ NSC-LM2631MTC-ADJ Datasheet
265Kb / 12P
Synchronous Step-Down Power Supply Controller
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
More results

Similar Description - LM2637

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2638 NSC-LM2638 Datasheet
165Kb / 8P
Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
logo
Analog Intergrations Co...
AIC1570 AIC-AIC1570 Datasheet
418Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Texas Instruments
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
30-A 5-Bit Programmable Integrated Switching Regulator
LM2638MX TI1-LM2638MX Datasheet
353Kb / 8P
LM2638 Motherboard Power Supply Solution with a 5-Bit Programmable Switching Controller and Two Linear Regulator Controllers
logo
Analog Devices
ADP3153 AD-ADP3153_15 Datasheet
167Kb / 12P
5-Bit Programmable Dual Power Supply Controller
REV. 0
logo
Linear Technology
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com