Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH6503 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 17Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 18Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 19Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
TH6503 USB Low-Speed Interface
Static Characteristics
Electrical
Characteristics
Parameter
Symbol
Condition [4]
Min
Typ
Max
Unit
Power supply voltage
V
3.3
3.00
3.30
3.60
V
Power supply current
I
3.3
60
mA
Stand-by Current [5]
I
STB
80
150
µA
Voltage input LOW
V
ILCMOS
0.3*V
3.3
V
Voltage input HIGH
V
IHCMOS
0.7*V
3.3
V
Schmitt trigger, positive going
threshold
V
T+CMOS
2.4
V
Schmitt trigger, negative going
threshold
V
T-CMOS
0.8
V
Hysteresis, Schmitt trigger
(VT+ – VT-)
V
HYSCMOS
V
IL to VIH,VIH to VIL
0.5
V
Differential Input Sensitivity
V
DI
|(D+)-(D-)|
0.2
V
Differential Common Mode Range
V
CM
Includes V
DI
0.8
2.5
V
Single Ended Receiver Threshold
V
SE
0.8
2.0
V
Single Ended Receiver Hysteresis
V
HYSE
0.1
V
Input low current
I
IL
V
IN = GND
-10
10
µA
Input with pullup
I
ILU
V
IN = GND
-50
-21.0
-7
µA
Input high current
I
IH
V
IN = V3.3
-10
10
µA
Input with pulldown
I
IHD
V
IN = V3.3
7
22.9
65
µA
Voltage output LOW
V
OL
I
OL = 1 mA
0.4
V
Voltage output HIGH
V
OH
I
OH = 1 mA
2.4
V
Current Output
I
O
1
mA
Differential output LOW
V
OLD
R
L of 15 KOhm
to GND
0.3
V
Differential output HIGH
V
OHD
R
L of 1.5 KOhm
to 3.6 V
2.8
3.6
V
Hi-Z Output Leakage Current
I
OZ
V
IN = GND
or V3.3
-10
10
µA
Notes:
[4] Specified at VDD = VBUS = 4.40V to 5.25V and tested at room temperature only
[5] Differential Transceiver fs in Suspend Mode, tested without pull-down and pullup Resistors
on the D- and D+ data line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com