Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH6503 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
TH6503 USB Low-Speed Interface
Application
Wiring Diagram
Figure 14 shows a sample Application circuitry with the TH6503 and a MC68HC05.
To stabilize the internal power supply the V3.3 pin must always be connected with an 10µ capaci-
tor.
Figure 14. Sample Wiring diagram to connect the TH6503 with an MC68HC05
WAKE Function
The USB specification defines that a device has to
go into suspend mode if no bus traffic was de-
tected for ca. 3 ms. After the device is set to
suspend mode, the WAKE pin can be used to
Wake up the device with an external event.
If the WAKE pin is connected with an RC-Element,
the TH6503 wakes up after the time defined by the
RC-Element. This feature can be used to check for
data in periodical time frames.
RESET Output
The reset output (/ORST) of the TH6503 can be
connected
with
the
reset
input
of
the
microcontroller. It’s a low active signal.
This signal has a minimum length of 31 clock
cycles with a default frequency of 1.5 MHz (see Pin
Description for details).
After this reset pulse the microcontroller can
reseted but it must wait to programming the
TH6503 until the USB reset is inactive.
All register of TH6503 will be held in reset state,
exept the StatusRegister, until the corresponding
bits HWR or RES is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com