Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH6503 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TH6503
Description  USB Low-Speed Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH6503 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TH6503 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH6503 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
TH6503 USB Low-Speed Interface
USBFlagRegister (write only)
Internal address: b101
Size:
8 bits
Register
Description
(continued)
USBAddressRegister (write only)
Internal address: b110
Size:
8 bits
Bit
Number
Bit
Mnemonic
Reset
Status
Function
7
FI2
1
Flush EP2 IN
?
?
clears EP2 FIFO
is set and reset automatically depending on the actual FIFO Status
must be set before EP2 of the EP1/2 FIFO can be overwritten by the
microcontroller
6
FI1
1
Flush EP1 IN
?
?
clears EP1 FIFO
is set and reset automatically depending on the actual FIFO Status
must be set before EP1 of the EP1/2 FIFO can be overwritten by the
microcontroller
5
FI0
1
Flush EP0 IN
?
?
clears EP0 FIFO
is set and reset automatically depending on the actual FIFO Status
must be set before the EP0 FIFO can be overwritten by the
microcontroller
4
BO0
0
Busy OUT
?
?
?
blocks the EP0 OUT FIFO for the USB host
is set and reset automatically depending on the actual FIFO Status
TH6503 responds with no handshake for a USB host SETUP token or
with a NAK signal for an OUT token (NAK state)
to leave the NAK state, the microcontroller does an OutFIFO read
(the microcontroller rereads the last data)
3
SI2
0
STALL EP2
?
?
sets EP2 to STALL
TH6503 responds with a STALL for a USB host IN or OUT token
if address and EP2 have been decoded
only operative if EP2 is active
2
SI1
0
STALL EP1
?
?
sets EP1 to STALL
TH6503 responds with a STALL for a USB host IN or OUT token
if address and EP1 have been decoded
only operative if EP1 is active
1
SI0
0
STALL EP0 IN
?
?
sets EP0 IN to STALL
TH6503 responds with a STALL for a USB host IN token
if address and EP0 have been decoded
will be cleared after SETUP token
0
SO0
0
STALL EP0 OUT
?
?
?
sets EP0 OUT to STALL
TH6503 responds with a STALL for a USB host OUT token
if address and EP0 have been decoded
STALL is inoperative for a SETUP token from the USB host
SETUP clears STALL EP0 IN and STALL EP0 OUT bits
Bit
Number
Bit
Mnemonic
Reset
Status
Function
7
X
0
reserved
6-0
AD6-0
0
USB device address
?
?
USB address entered by microcontroller
zero after reset
microcontroller must decode the address from descriptor data after a
SETUP (SET_ADDRESS) token and write it in this register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com