Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F131 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 9Page - ON Semiconductor AX8052F131 Datasheet HTML 10Page - ON Semiconductor AX8052F131 Datasheet HTML 11Page - ON Semiconductor AX8052F131 Datasheet HTML 12Page - ON Semiconductor AX8052F131 Datasheet HTML 13Page - ON Semiconductor AX8052F131 Datasheet HTML 14Page - ON Semiconductor AX8052F131 Datasheet HTML 15Page - ON Semiconductor AX8052F131 Datasheet HTML 16Page - ON Semiconductor AX8052F131 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AX8052F131
www.onsemi.com
13
Table 14. ADC / COMPARATOR / TEMPERATURE SENSOR
Symbol
Description
Condition
Min
Typ
Max
Units
ADCSR
ADC sampling rate GPADC mode
30
500
kHz
ADCSR_T
ADC sampling rate temperature sensor mode
10
15.6
30
kHz
ADCRES
ADC resolution
10
Bits
VADCREF
ADC reference voltage & comparator internal
reference voltage
0.95
1
1.05
V
ZADC00
Input capacitance
2.5
pF
DNL
Differential nonlinearity
± 1
LSB
INL
Integral nonlinearity
± 1
LSB
OFF
Offset
3
LSB
GAIN_ERR
Gain error
0.8
%
ADC in Differential Mode
VABS_DIFF
Absolute voltages & common mode voltage in
differential mode at each input
0
VDD_IO
V
VFS_DIFF01
Full swing input for differential signals
Gain x1
−500
500
mV
VFS_DIFF10
Gain x10
−50
50
mV
ADC in Single Ended Mode
VMID_SE
Mid code input voltage in single ended mode
0.5
V
VIN_SE00
Input voltage in single ended mode
0
VDD_IO
V
VFS_SE01
Full swing input for single ended signals
Gain x1
0
1
V
Comparators
VCOMP_ABS
Comparator absolute input voltage
0
VDD_IO
V
VCOMP_COM
Comparator input common mode
0
VDD_IO −
0.8
V
VCOMPOFF
Comparator input offset voltage
20
mV
Temperature Sensor
TRNG
Temperature range
−40
85
°C
TRES
Temperature resolution
0.1607
°C/LSB
TERR_CAL
Temperature error
Factory calibration
applied
−2
2
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com