Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F131 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AX8052F131 Datasheet HTML 17Page - ON Semiconductor AX8052F131 Datasheet HTML 18Page - ON Semiconductor AX8052F131 Datasheet HTML 19Page - ON Semiconductor AX8052F131 Datasheet HTML 20Page - ON Semiconductor AX8052F131 Datasheet HTML 21Page - ON Semiconductor AX8052F131 Datasheet HTML 22Page - ON Semiconductor AX8052F131 Datasheet HTML 23Page - ON Semiconductor AX8052F131 Datasheet HTML 24Page - ON Semiconductor AX8052F131 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AX8052F131
www.onsemi.com
21
TRANSMITTER
The transmitter block is controllable through its registers,
which are mapped into the X data space of the
micro−controller. The transmitter block features its own
32 word
× 10 bit FIFO. The microcontroller can either be
interrupted at a programmable FIFO fill level, or one of the
DMA channels can be instructed to transfer between XRAM
and the transmitter FIFO.
RF Frequency Generation Subsystem
The RF frequency generation subsystem consists of a
fully integrated synthesizer, which multiplies the reference
frequency from the crystal oscillator to get the desired RF
frequency. The advanced architecture of the synthesizer
enables frequency resolutions of 1 Hz, as well as fast settling
times of 5 – 50
ms depending on the settings (see section AC
Characteristics). Fast settling times mean fast start−up,
which enables low−power system design.
The frequency must be programmed to the desired carrier
frequency.
The synthesizer loop bandwidth can be programmed, this
serves three purposes:
1. Start−up time optimization, start−up is faster for
higher synthesizer loop bandwidths
2. TX spectrum optimization, phase−noise at
300 kHz to 1 MHz distance from the carrier
improves with lower synthesizer loop bandwidths
3. Adaptation of the bandwidth to the data−rate. For
transmission of FSK and MSK it is required that
the synthesizer bandwidth must be in the order of
the data−rate.
VCO
An on−chip VCO converts the control voltage generated
by the charge pump and loop filter into an output frequency.
The frequency can be programmed in 1 Hz steps in the
AX5031_FREQ registers. For operation in the 433 MHz
band, the BANDSEL bit in the AX5031_PLLLOOP
register must be programmed.
VCO Auto−Ranging
The AX8052F131 has an integrated auto−ranging
function, which allows to set the correct VCO range for
specific
frequency
generation
subsystem
settings
automatically. Typically it has to be executed after
power−up. The function is initiated by setting the
RNG_START bit in the AX5031_PLLRANGING register.
The bit is readable and a 0 indicates the end of the ranging
process. The RNGERR bit indicates the correct execution of
the auto−ranging.
Loop Filter and Charge Pump
The AX8052F131 internal loop filter configuration
together with the charge pump current sets the synthesizer
loop band width. The loop−filter has three configurations
that can be programmed via the register bits FLT[1:0] in
register AX5031_PLLLOOP, the charge pump current can
be programmed using register bits PLLCPI[1:0] also in
register AX5031_PLLLOOP. Synthesizer bandwidths are
typically
50
–
500
kHz
depending
on
the
AX5031_PLLLOOP settings, for details see the section:
AC Characteristics.
Registers
Table 16. REGISTERS
Register
Bits
Purpose
AX5031_PLLLOOP
FLT[1:0]
Synthesizer loop filter bandwidth, recommended usage is to increase the bandwidth for faster
settling time, bandwidth increases of factor 2 and 5 are possible.
PLLCPI[2:0]
Synthesizer charge pump current, recommended usage is to decrease the bandwidth (and
improve the phase−noise) for low data−rate transmissions.
BANDSEL
Switches between 868 MHz / 915 MHz and 433 MHz bands
AX5031_FREQ
Programming of the carrier frequency
AX5031_FREQB
Programming of the 2nd carrier frequency, switch to this carrier frequency by setting bit
FREQSEL = 1
AX5031_PLLRANGING
Initiate VCO auto−ranging and check results
RF Input and Output Stage (ANTP/ANTN)
The AX8052F131 uses fully differential antenna pins.
The PA drives the signal generated by the frequency
generation subsystem out to the differential antenna
terminals. The output power of the PA is programmed via
bits TXRNG[3:0] in the register AX5031_TXPWR. Output
power as well as harmonic content will depend on the
external impedance seen by the PA, recommendations are
given in section: Antenna Interface Circuitry.
Encoder
The encoder is located between the Framing Unit and the
Modulator. It can optionally transform the bit−stream in the
following ways:
• It can invert the bit stream.
• It can perform differential encoding. This means that a
zero is transmitted as no change in the level, and a one
is transmitted as a change in the level. Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com