Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX8052F131 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX8052F131
Description  SoC Ultra-Low Power RF-Microcontroller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX8052F131 Datasheet(HTML) 3 Page - ON Semiconductor

  AX8052F131 Datasheet HTML 1Page - ON Semiconductor AX8052F131 Datasheet HTML 2Page - ON Semiconductor AX8052F131 Datasheet HTML 3Page - ON Semiconductor AX8052F131 Datasheet HTML 4Page - ON Semiconductor AX8052F131 Datasheet HTML 5Page - ON Semiconductor AX8052F131 Datasheet HTML 6Page - ON Semiconductor AX8052F131 Datasheet HTML 7Page - ON Semiconductor AX8052F131 Datasheet HTML 8Page - ON Semiconductor AX8052F131 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
AX8052F131
www.onsemi.com
3
BLOCK DIAGRAM
Figure 1. Functional Block Diagram of the AX8052F131
AX8052F131
ANTP
ANTN
Crystal
Oscillator
typ. 16MHz
F
OUT
RF Frequency
Generation
Subsystem
F
XTAL
Communication Controller &
Radio Interface Controller
Divider
PA
Modulator
CLK16P
CLK16N
Radio configuration
VREG
Voltage
Regulator
POR
256
Debug
Interface
AX8052
System
Controller
FLASH
64k
AES
Crypto Engine
ADC
Comparators
SPI
master/slave
UART 1
UART 0
Input
Capture 1
Input
Capture 0
Output
Compare 1
Output
Compare0
Timer
Counter 2
Timer
Counter 1
Timer
Counter 0
GPIO
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
RESET_N
GND
VDD_IO
8k
PC0
PC1
PC2
PC3
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
I/O Multiplexer
DBG_EN
Reset, Clocks, Power
DMA
Controller
SYSCLK
VDDA
Temp Sensor
wakeup
oscillator
RC Oscillator
tuning fork
crystal
oscillator
wakeup
timer 2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com