Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST591 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST591
Description  System Reset Monolithic IC PST591~595 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST591 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST591 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
System Reset PST591~595
Equivalent Circuit Diagram
Absolute Maximum Ratings (Ta=25°C)
Pin Assignment
12
3
TO-92A
12
43
MMP-4A
1
VCC
2
GND
3
VOUT
1
VOUT
2
Manual
Reset
3
VCC
4
GND
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~10
V
Manual reset input voltage
VRES max.
-0.3~10
V
Allowable loss
Pd
200 (MMP-4P)
mW
300 (TO-92)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com