Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST591 Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST591
Description  System Reset Monolithic IC PST591~595 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST591 Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST591 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUMI
System Reset PST591~595
System Reset
Monolithic IC PST591~595 Series
Outline
These ICs function in a variety of CPU systems and other logic systems, to detect power supply voltage and
reset the system accurately when power is turned on or interrupted, and has a built-in fixed delay time
generating circuit. This series has been represented in the past by PST574/PST575, but these new low reset
type system reset ICs expand the delay time series with a counter timer using an analog/digital hybrid circuit.
Features
1. Fixed delay time setting by counter timer
Excellent delay time temperature characteristics
±800ppm/°C
2. Low operating limit voltage
0.65V typ.
3. Hysteresis voltage provided in detection voltage
50mV typ.
4. Current consumption for no-load
ICCL=300µA typ. ICCH=200µA typ.
5. 5 delay time products available
PST591
50mS
PST594 400mS
PST592 100mS
PST595 800mS
PST593 200mS
6. Each product has 9 detection voltage ranks.
C : 4.5V typ.
H : 3.1V typ.
D : 4.2V typ.
I : 2.9V typ.
E : 3.9V typ.
J : 2.7V typ.
F : 3.6V typ.
K : 2.5V typ.
G : 3.3V typ.
Package
MMP-4A (PST59
M)
TO-92A (PST59
)
* contains detection voltage rank.
(MMP-4A has a manual reset pin, which should be set at GND or NC during normal operation.)
Applications
1. Reset circuits in microcomputers, CPUs and MPUs
2. Logic circuit reset circuits.
3. Battery voltage check circuits.
4. Back-up power supply switching circuits.
5. Level detection circuits.
6. Mechanical reset circuits


Similar Part No. - PST591

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
System Reset
PST597 MITSUMI-PST597 Datasheet
114Kb / 5P
System Reset
PST598 MITSUMI-PST598 Datasheet
114Kb / 5P
System Reset
More results

Similar Description - PST591

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
System Reset Monolithic IC PST70XX Series
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
SYSTEM RESET Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
System Reset Monolithic IC PST575
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
System Reset Monolithic IC PST611
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com