Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PST591 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST591
Description  System Reset Monolithic IC PST591~595 Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST591 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST591 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST591 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUMI
System Reset PST591~595
Measuring Circuit
[1]
[2]
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit isΩ)
*1 tpLH : VCC= (VS typ.-0.4V) (VS typ.+0.4V), tpHL : VCC= (VS typ.+0.4V) (VS typ.-0.4V)
*2 VCC=VS min.-0.15V
Note 3: VOUT pin is low when manual reset pin is high.
VOUT pin is high when manual reset pin is low.
Note: Input model is an example for PST591C.
Item
Symbol Measuring circuit
Measurement conditions
Min. Typ. Max. Unit
C
4.3
4.5
4.7
D
4.0
4.2
4.4
E
3.7
3.9
4.1
RL=470
F
3.4
3.6
3.8
Detection voltage
VS
1VOL <
= 0.4V
G
3.1
3.3
3.5
V
VCC=H
L
H
2.9
3.1
3.3
I
2.75 2.90 3.05
J
2.55 2.70 2.85
K
2.35 2.50 2.65
Hysteresis voltage
VS
1RL=470, VCC=L
H
L
30
50
100
mV
Detection voltage
temperature coefficient
VS/
T
1
RL=470, Ta=-20°C~+75°C
±0.01
%/°C
Low-level output voltage
VOL
1
VCC=Vs min.-0.05V, RL=470
0.1
0.4
V
Output leakage current
IOH
1VCC=10V
±0.1
µA
Circuit current while on
ICCL
1VCC=Vs min.-0.05V, RL=
∞
300
600
µA
Circuit current while off
ICCH
1VCC=Vs typ./0.85V, RL=
∞
200
350
µA
PST591
30
50
75
RL=4.7k
PST592
60
100
150
"H" transport delay time
tPLH
2
CL=100PF *1
PST593
120
200
300
mS
PST594
240
400
600
PST595
480
800 1200
"L" transport delay time
tPHL
2RL=4.7k, CL=100PF *110
µS
Operating power supply voltage
VOPL
1RL=4.7k, VOL <
= 0.4V
0.65 0.85
V
Output current while on 1
IOL11
VCC=VS min.-0.05V, RL=0
8
mA
Output current while on 2
IOL21
Ta=-20°C~+75°C, RL=0 *2
6mA
Manual
Input high voltage
VRESH
2.0
V
reset
Input high current
VRESH
VRES=2V
80
µA
pin
Input low voltage
VRESL
0.8
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com