Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK1461B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK1461B
Description  HIGH SPEED/VOLTAGE OP AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1461B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK1461B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1.) Find Driver Power Dissipation
PD = [(quiescent current) x (+VS - (-VS))] +
[(+VS-VO) x IOUT]
= [(50mA) x (80V)] + [(20V) x (0.05A)]
= 4W + 1.0W
= 5Watts
2.) For conservative design, set TJ=+125°C.
3.) For this example, worst case TA=+50°C
4.) RθJC = 12°C/W from MSK 1461B Data Sheet
5.) RθCS = 0.15°C/W for most thermal greases
6.) Rearrange governing equation to solve for RθSA
RθSA = ((TJ - TA)/PD) - (RθJC) - (RθCS)
= ((125°C - 50°C) / 5W) - (12°C/W) - (.15°C/W)
≅ 2.85°C/W
The heat sink in this example must have a thermal
resistance of no more than 2.85°C/W to maintain a junc-
tion temperature of no more than +125°C.
APPLICATION NOTES
HEAT SINKING
To select the correct heat sink for your application,
refer to the thermal model and governing equation below.
Thermal Model:
Governing Equation:
CURRENT LIMIT
The output current of the MSK 1461 is internally lim-
ited to approximately ±750mA by two 0.8Ω internal cur-
rent limit resistors. Additional current limit can be achieved
through the use of two external current limit resistors.
One resistor (+RSC) limits the positive output current and
the other (-RSC) limits the negative output current. The
value of the current limit resistors can be determined as
follows:
Since the 0.65V term is obtained from the base to
emitter voltage drop of a bipolar transistor, the equation
only holds true for +25°C operation. As case tempera-
ture increases, the 0.65V term will decrease making the
actual current limit set point decrease slightly.
±RSC = [(0.65V/±ILIM) - 0.8Ω]
TJ=PD x (RθJC + RθCS + RθSA) + TA
Where
TJ = Junction Temperature
PD = Total Power Dissipation
RθJC = Junction to Case Thermal Resistance
RθCS = Case to Heat Sink Thermal Resistance
RθSA = Heat Sink to Ambient Thermal Resistance
TC = Case Temperature
TA = Ambient Temperature
TS = Sink Temperature
Example:
In our example the amplifier application requires the
output to drive a 20 volt peak sine wave across a 400Ω
load for 50mA of peak output current. For a worst case
analysis we will treat the 50mA peak output current as a
D.C. output current. The power supplies shall be set to
±40VDC.
The following schematic illustrates how to connect
each current limit resistor:
IN
Any designer who has worked with power operational
amplifiers is familiar with Safe Operating Area (S.O.A.)
curves. S.O.A. curves are a graphical representation of
the following three power limiting factors of any bipolar
transistor output op-amp.
1. Wire Bond Current Carrying Capability
2. Transistor Junction Temperature
3. Secondary Breakdown Limitations
Since the MSK 1461 utilizes a MOSFET output, there
are no secondary breakdown limitations and therefore no
need for S.O.A. curves. The only limitation on output
power is the junction temperature of the output drive tran-
sistors.
Whenever possible, junction temperature should be
kept below 150°C to ensure high reliability. See "Heat
Sinking" for more information involving junction tempera-
ture calculations.
SAFE OPERATING AREA
Both the negative and the positive power supplies must
be effectively decoupled with a high and low frequency
bypass circuit to avoid power supply induced oscillation.
An effective decoupling scheme consists of a 0.1µF ce-
ramic capacitor in parallel with a 4.7µF tantalum capaci-
tor from each power supply pin to ground.
POWER SUPPLY BYPASSING
INPUT OFFSET ADJUST CONNECTION
Rev. B 8/00
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com