Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK1461B Datasheet (PDF) - M.S. Kennedy Corporation

MSK1461B Datasheet PDF - M.S. Kennedy Corporation
Part # MSK1461B
Download  MSK1461B Download
File Size   302.02 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED/VOLTAGE OP AMP

MSK1461B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSK1461B Datasheet PDF - M.S. Kennedy Corporation

Part # MSK1461B
Download  MSK1461B Click to download

File Size   302.02 Kbytes
Page   5 Pages
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation
Description HIGH SPEED/VOLTAGE OP AMP

MSK1461B Datasheet (HTML) - M.S. Kennedy Corporation


MSK1461B Product details

DESCRIPTION:
The MSK 1461 is a state of the art high speed FET input operational amplifier. The distinguishing characteristic of the MSK 1461 is its unique VMOS output stage which completely eliminates the safe operating area restrictions associated with secondary breakdown of bipolar transistor output stage op-amps. Freedom from secondary breakdown allows the 1461 to handle large output currents at any voltage level limited only by transistor junction temperature. 115 dB of open loop gain gives the 1461 high closed loop gain accuracy and the typical –1.0mV of input offset voltage will fit well in any error budget. A 500 V/µS slew rate and 1200 MHz gain bandwidth product make the 1461 an outstanding high-speed op-amp. A single external capacitor is used for compensation and output current limiting is user programmable through the selection of two external resistors.

FEATURES:
• Extremely Fast - 500v/µS
• Wide Supply Range –15V to –45V
• VMOS Output, No S.O.A. Restrictions
• Large Gain-Bandwidth Product
• FET Input
• Electrically Isolated Case
• 800mA Typical Output Current

TYPICAL APPLICATIONS
• Video Yoke Drivers
• Video Distribution Amplifiers
• High Accuracy Audio Amplification
• High Speed ATE Pin Drivers




Similar Part No. - MSK1461B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK1461B ANAREN-MSK1461B Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results


Similar Description - MSK1461B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC420 NSC-CLC420 Datasheet
286Kb / 10P
High-Speed, Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
List of Unclassifed Man...
MSK130 ETC1-MSK130 Datasheet
331Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
M.S. Kennedy Corporatio...
MSK130 MSK-MSK130 Datasheet
341Kb / 5P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
logo
Anaren Microwave
MSK130 ANAREN-MSK130 Datasheet
466Kb / 6P
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
MSK1461 ANAREN-MSK1461 Datasheet
183Kb / 6P
HIGH SPEED/VOLTAGE OP AMP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com