Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK1461B Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK1461B
Description  HIGH SPEED/VOLTAGE OP AMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK1461B Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK1461B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK1461B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
±45V
800mA
±25V
12°C/W
VIN=0V
VCM=0V
Quiescent Current
Input Bias Current
Input Offset Current
Output Voltage Swing
Junction to Case
VIN=0V AV=-10V/V
Bal. Pins=N/C
RPOT=10KΩ to +VCC
VCM=0V
Either Input
F=DC
F=10KHz VCM=±22V
RL=50Ω AV=-5V/V
RL=1KΩ
RL=33Ω AV=-5V/V TJ<175°C
0.1% 10V step
VOUT=±10V RL=1KΩ AV=-5V/V
RL=1KΩ F=100Hz
F=100KHz
STATIC
Supply Voltage Range
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Impedance
Common Mode Range
Common Mode Rejection Ratio
OUTPUT
Output Current, Peak
Settling Time
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
Gain Bandwidth Product
ABSOLUTE MAXIMUM RATINGS
±VCC
IOUT
VIN
RTH
TST
TLD
TC
TJ
V
mA
mA
°C/W
mV
µV/°C
V
pA
nA
pA
nA
Ω
V
dB
V
V
mA
nS
V/µS
dB
MHz
Parameter
ELECTRICAL SPECIFICATIONS
Units
Test Conditions
Max.
±45
±28
-
15
±8.0
-
-
±300
-
-
-
-
-
-
-
-
-
800
-
-
-
Typ.
-
±19
-
11
±1.0
±10
±8.0
±10
-
±5.0
-
3x10
±24
100
±31
±33
±800
400
500
106
1200
Min.
±15
-
-
-
-
-
-
-
-
-
-
-
±22
90
±27
±30
±600
-
200
90
800
Max.
±45
±25
±35
12
±5.0
±50
-
±300
±100
-
-
-
-
-
-
-
-
800
-
-
-
Typ.
-
±19
±21
11
±1.0
±6.0
±8.0
±10
±10
±5.0
±5.0
3x10
±24
100
±31
±33
±800
400
500
106
1200
Min.
±15
-
-
-
-
-
-
-
-
-
-
-
±22
90
±27
±30
±600
-
200
90
800
MSK 1461
MSK 1461B
-
1
2,3
-
1
2,3
-
1
2,3
-
-
-
-
4
4
4
4
4
4
4
4
Group A
Subgroup
12
12
3
3
2 3
3
3
3
3
3
3
3
1
2
3
4
5
6
7
NOTES:
RSC=0Ω and ±VCC=36VDC unless otherwise specified.
AV=-1, measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2,5
Subgroup 3,6
TC=+25°C
TJ=+125°C
TA=-55°C
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to 85°C
+175°C
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
(MSK 1461B)
(MSK 1461)
Junction Temperature
Supply Voltage
Output Current
Differential Input Voltage
Thermal Resistance
Junction to Case
(Output Devices Only)
Rev. B 8/00
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com