Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2655 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2655 Datasheet HTML 7Page - National Semiconductor (TI) LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) LM2655 Datasheet HTML 10Page - National Semiconductor (TI) LM2655 Datasheet HTML 11Page - National Semiconductor (TI) LM2655 Datasheet HTML 12Page - National Semiconductor (TI) LM2655 Datasheet HTML 13Page - National Semiconductor (TI) LM2655 Datasheet HTML 14Page - National Semiconductor (TI) LM2655 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DESIGN PROCEDURE (Continued)
SOFT-START CAPACITOR
A soft-start capacitor is used to provide the soft-start feature.
When the input voltage is first applied, or when the SD(SS)
pin is allowed to go high, the soft-start capacitor is charged
by a current source (approximately 2 µA). When the SD(SS)
pin voltage reaches 0.6V (shutdown threshold), the internal
regulator circuitry starts to operate. The current charging the
soft-start capacitor increases from 2 µA to approximately
10 µA. With the SD(SS) pin voltage between 0.6V and 1.3V,
the level of the current limit is zero, which means the output
voltage is still zero. When the SD(SS) pin voltage increases
beyond 1.3V, the current limit starts to increase. The switch
duty cycle, which is controlled by the level of the current limit,
starts with narrow pulses and gradually gets wider. At the
same time, the output voltage of the converter increases to-
wards the nominal value, which brings down the output volt-
age of the error amplifier. When the output of the error ampli-
fier is less than the current limit voltage, it takes over the
control of the duty cycle. The converter enters the normal
current-mode PWM operation. The SD(SS) pin voltage is
eventually charged up to about 2V.
The soft-start time can be estimated as:
T
SS = CSS * 0.6V/2 µA + CSS * (2V−0.6V)/10 µA
During start-up, the internal circuit is monitoring the soft-start
voltage. When the softstart voltage reaches 2V, the under-
voltage and overvoltage protections are enabled.
If the output voltage doesn’t rise above 80% of the normal
value before the soft-start reaches 2V, undervoltage protec-
tion shut down the device. You can avoid this by either in-
creasing the value of the soft-start capacitor, or using a LDE-
LAY capacitor.
LDELAY CAPACITOR
The LDELAY capacitor (CDELAY) provides a means to con-
trol undervoltage latch protection. By changing CDELAY, the
user can adjust the time delay between the output voltage
dropping below 80% of its nominal value and the part shut-
ting off due to undervoltage latch protection. The LDELAY
circuit consists ofa5µA current source in series with a user
defined capacitor, CDELAY. The 5 µA current source is
turned on whenever the output voltage is below 80% of its
nominal value, otherwise this current source is off. With the
output voltage below 80% of its nominal value, the 5 µA cur-
rent source begins to charge CDELAY, as shown in
Figure 2.
If the potential across CDELAY reaches 2V, undervoltage
latch protection will be enabled and the part will shutdown. If
the output voltage recovers to above 80% of its nominal
value before the potential across CDELAY reaches 2V, und-
ervoltage latch protection will remain disabled. Hence, CDE-
LAY sets a time delay by the following equation:
T
DELAY (ms) = CDELAY (nF) * 2V/5A
Undervoltage latch protection can be disabled by tying the
LDELAY pin to the ground.
COMPENSATION COMPONENTS
In the control to output transfer function, the first pole F
p1 can
be estimated as 1/(2
πR
OUTCOUT); The ESR zero Fz1 of the
output capacitor is 1/(2
πESRC
OUT); Also, there is a high fre-
quency pole F
p2 in the range of 45kHz to 150kHz:
F
p2 = Fs/(πn(1−D))
where D = V
OUT/VIN,n = 1+0.348L/(VIN−VOUT)(L isinµHs
and V
IN and VOUT in volts).
The total loop gain G is approximately 1000/I
OUT where IOUT
is in amperes.
A Gm amplifier is used inside the LM2655. The output resis-
tor R
o of the Gm amplifier is about 80kΩ.Cc1 and RC to-
gether with R
o give a lag compensation to roll off the gain:
F
pc1 = 1/(2πCc1(Ro+Rc)), Fzc1 = 1/2πCc1Rc.
In some applications, the ESR zero F
z1 can not be cancelled
by F
p2. Then, Cc2 is needed to introduce Fpc2 to cancel the
ESR zero, F
p2 = 1/(2πCc2Ro\Rc).
The rule of thumb is to have more than 45˚ phase margin at
the crossover frequency (G=1).
If C
OUT is higher than 68µF, Cc1 = 2.2nF, and Rc = 15KΩ are
good choices for most applications. If the ESR zero is too
low to be cancelled by F
p2, add Cc2.
If the transient response to a step load is important, choose
R
C to be higher than 10kΩ.
APPLICATION CIRCUITS
PROGRAMMABLE OUTPUT VOLTAGE
Using the adjustable output version of the LM2655 as shown
in
Figure 3, output voltages between 1.24V and 13V can be
achieved. Use the following formula to select the appropriate
resistor values:
R
FB1 = RFB2*(VOUT -VREF)/VREF
where V
REF = 1.238V.
Select resistors between 10k
Ω and 100kΩ.(1% or higher ac-
curacy metal film resistors for R
FB1 and RFB2.)
DS101284-22
FIGURE 2. Undervoltage latch protection.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com