Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2655 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) LM2655 Datasheet HTML 10Page - National Semiconductor (TI) LM2655 Datasheet HTML 11Page - National Semiconductor (TI) LM2655 Datasheet HTML 12Page - National Semiconductor (TI) LM2655 Datasheet HTML 13Page - National Semiconductor (TI) LM2655 Datasheet HTML 14Page - National Semiconductor (TI) LM2655 Datasheet HTML 15Page - National Semiconductor (TI) LM2655 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
APPLICATION CIRCUITS (Continued)
PCB LAYOUT CONSIDERATIONS
Layout is critical to reduce noise and ensure specified perfor-
mance. The important guidelines are listed as follows:
1.
Minimize the parasitic inductance in the loop of input ca-
pacitors and the internal MOSFETs by connecting the in-
put capacitors to V
IN and PGND pins with short and wide
traces. The high frequency ceramic bypass capacitor, in
particular, should be placed as close to and no more
than 5mm from the V
IN pin. This is important because
the rapidly switching current, together with wiring induc-
tance can generate large voltage spikes that may result
in noise problems.
2.
Minimize the trace from the center of the output resistor
divider to the FB pin and keep it away from noise
sources to avoid noise pick up. For applications that re-
quire tight regulation at the output, a dedicated sense
trace (separated from the power trace) is recommended
to connect the top of the resistor divider to the output.
3.
If the Schottky diode D is used, minimize the traces con-
necting D to SW and PGND pins. Use short and wide
traces.
4.
If the low-side MOSFET is used, minimize the trace con-
necting the LDR pin to the gate of the MOSFET, and the
traces to SW and PGND pins. Use short and wide traces
for the power traces going from the MOSFET to SW and
PGND pins.
DS101284-24
FIGURE 5. Obtaining output voltages of less than 1.25V
DS101284-25
Schematic for the Typical Board Layout
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com