Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2655 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2655
Description  2.5A High Efficiency Synchronous Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2655 Datasheet HTML 8Page - National Semiconductor (TI) LM2655 Datasheet HTML 9Page - National Semiconductor (TI) LM2655 Datasheet HTML 10Page - National Semiconductor (TI) LM2655 Datasheet HTML 11Page - National Semiconductor (TI) LM2655 Datasheet HTML 12Page - National Semiconductor (TI) LM2655 Datasheet HTML 13Page - National Semiconductor (TI) LM2655 Datasheet HTML 14Page - National Semiconductor (TI) LM2655 Datasheet HTML 15Page - National Semiconductor (TI) LM2655 Datasheet HTML 16Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
APPLICATION CIRCUITS (Continued)
EXTENDING INPUT VOLTAGE RANGE
Figure 4 shows a way to configure the LM2655 so that input
voltages of less than 4V can be converted. This circuit
makes use of the separate analog and power V
IN pins. All
the supervisory circuits of the LM2655 are powered through
the AV
IN pin, while the source voltage that is to be converted
is input to the PV
IN pins. The internal circuitry of the LM2655
has an operating range of 4V < V
CC < 14V, so a voltage
within this range must be applied to AV
IN. This source may
be low power because it only needs to supply 5mA. An input
capacitor should be connected across this source, and a
small bypass capacitor should be placed physically close to
the AV
IN pin to ground. With all the internal circuitry being
powered by a separate source, the only requirement of the
voltage at PV
IN is that it be slightly higher (∼500mV) than the
desired output voltage. The source connected to PV
IN will
also need an input capacitor and bypass capacitor, but the
input capacitor must be selected following the guidelines ex-
plained in the INPUT CAPACITOR section.
OBTAINING OUTPUT VOLTAGES OF LESS THAN 1.25V
Some applications require output voltages less than 1.25V.
The circuit shown in
Figure 5 will allow the LM2655 to do
such a conversion. By referencing the two feedback resis-
tors to V
ADJ (VADJ > 1.24V), VOUT can be adjusted from 0V
to V
ADJ by the equation:
V
OUT =(VREF-VADJ)*(RFB1+RFB2)/RFB2 +VADJ
where V
REF = 1.24V. VADJ can be any voltage higher than
V
REF (1.24V). In Figure 5,VADJ is produced by an LMV431
adjustable reference following the equation:
V
ADJ = 1.24*(RADJ1/RADJ2 + 1).
DS101284-25
FIGURE 3. Programmable output voltage.
DS101284-23
FIGURE 4. Extended input voltage range.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com