Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2 Datasheet(PDF) 4 Page - NEC

Part # EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 4 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
EC2(ND),EE2(ND) SERIES
DATA SHEET ER0327EJ2V0DS00
NOMINAL LINEUP
Non-latch Type
Nominal Coil
Voltage
(Vdc)
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
45
101
125
180
405
720
2504
Must Operate
Voltage ∗
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
Must Release
Voltage ∗
(Vdc)
0.3
0.45
0.5
0.6
0.9
1.2
2.4
at 20˚C
Nominal
operate power
(mW)
200
200
200
200
200
200
230
Single-Coil Latch Type
Nominal Coil
Voltage
(Vdc)
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
90
203
250
360
810
960
3388
Must Operate
Voltage ∗
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
Must Release
Voltage ∗
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
at 20˚C
Nominal
operate power
(mW)
100
100
100
100
100
150
170
∗ Test by pulse voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com