Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2 Datasheet(PDF) 5 Page - NEC

Part # EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 5 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EC2(ND),EE2(ND) SERIES
5
DATA SHEET ER0327EJ2V0DS00
100
0
10
20
30
40
50
200
300
400
3
2
1
0
100
200
300
400
500
Applied Power (mW)
Applied Power (mW)
30
100
200
2
1
0.5
0.4
0.3
0.2
Switching Voltage (V)
Operate Time
Bounce Time Operate
2
1
0
100
200
300
400
500
Applied Power (mW)
Bounce Time at Release
Release Time
3
2
1
0
100
200
300
400
500
Applied Power (mW)
Release Time
Bounce Time at Release
0.273 A
250 V
220 V
DC Load (resistive)
AC Load (resistive)
SWITCHING CAPACITY
OPERATE TIME
RELEASE TIME WITHOUT DIODE
RELEASE TIME WITH DIODE
COIL TEMPERATURE RISE
TYPICAL PERFORMANCE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com