Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2 Datasheet(PDF) 1 Page - NEC

Part # EC2
Description  High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EC2 Datasheet(HTML) 1 Page - NEC

  EC2 Datasheet HTML 1Page - NEC EC2 Datasheet HTML 2Page - NEC EC2 Datasheet HTML 3Page - NEC EC2 Datasheet HTML 4Page - NEC EC2 Datasheet HTML 5Page - NEC EC2 Datasheet HTML 6Page - NEC EC2 Datasheet HTML 7Page - NEC EC2 Datasheet HTML 8Page - NEC EC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
EC2(ND),EE2(ND) SERIES
MINIATURE SIGNAL RELAY
High Insulation, High breakdown voltage, compact and lightweight,
Surface mounting type
DESCRIPTION
NEC EC2 (ND) / EE2 (ND) series has based supplementary insulation for EN60950. (TUV Certified File No.
R9750561)
FEATURES
™ Insulation distance : more than 2 mm
™ Distance through insulation : more than 0.4 mm
™ Applicable for the surge voltage standard of FCC (1500 V, 10
× 160
µs) and BELLCORE (2500 V, 2 × 10 µs)
™ Two types for through-hole mounting (EC2 (ND) series) and surface mounting (EE2 (ND) series)
APPLICATIONS
Electronic switching systems, facsimile, modems, terminal equipment.
The information in this document is subject to change without notice.
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage
and over current. Incorrect use could result in abnormal heating, damage to related parts or
cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC's "Miniature Relays" (ER0046EJ
∗) when you choose relays
for your application.
©
1997
Document No. ER0327EJ2V0DS00
Date Published May 1999 M
Printed in Japan


Similar Part No. - EC2

ManufacturerPart #DatasheetDescription
logo
NEC
EC2 NEC-EC2 Datasheet
926Kb / 7P
Miniature Relays
EC2 NEC-EC2 Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
Samtec, Inc
EC2 SAMTEC-EC2 Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
EC2 SAMTEC-EC2 Datasheet
310Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH • ETMM/EHT/EC2 SERIES
logo
Europa PLC
EC2 EUROPA-EC2 Datasheet
787Kb / 1P
Open Front Enclosures
More results

Similar Description - EC2

ManufacturerPart #DatasheetDescription
logo
NEC
EA2-3SNU NEC-EA2-3SNU Datasheet
113Kb / 8P
COMPACT AND LIGHTWEIGHT
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
Compact and lightweight, High breakdown voltage, Surface mounting type
logo
NEC
ED2-5NJ NEC-ED2-5NJ Datasheet
389Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
EA2-24NU NEC-EA2-24NU Datasheet
106Kb / 12P
COMPACT AND LIGHTWEIGHT
logo
Panasonic Semiconductor
AEV14012W PANASONIC-AEV14012W Datasheet
203Kb / 9P
Compact and lightweight
logo
NEC
EC2-5SNJ NEC-EC2-5SNJ Datasheet
100Kb / 11P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
Compact and lightweight design
logo
NEC
EC29SNU NEC-EC29SNU Datasheet
107Kb / 8P
COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE
ED29SNU NEC-ED29SNU Datasheet
159Kb / 16P
Ultra-low power, compact and lightweight, High breakdown voltage, Surface mounting type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com