Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-12TNU-R Datasheet(PDF) 3 Page - NEC

Part # EB2-12TNU-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-12TNU-R Datasheet(HTML) 3 Page - NEC

  EB2-12TNU-R Datasheet HTML 1Page - NEC EB2-12TNU-R Datasheet HTML 2Page - NEC EB2-12TNU-R Datasheet HTML 3Page - NEC EB2-12TNU-R Datasheet HTML 4Page - NEC EB2-12TNU-R Datasheet HTML 5Page - NEC EB2-12TNU-R Datasheet HTML 6Page - NEC EB2-12TNU-R Datasheet HTML 7Page - NEC EB2-12TNU-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
EB2 SERIES
DATA SHEET ER0016EJ5V0DS00
2 form c
30 W (resistive)
62.5 VA (resistive)
220 Vdc
250 Vac
1 A
2 A
10 mV.dc, 10mA ∗1
50 m
Ω typ. (Initial)
Silver alloy with gold overlay
140 mW (3 to 12 V)
200 mW (24 V)
100 mW (3 to 12 V)
150 mW (24 V)
79 mW (3 to 12 V)
113 mW (24 V)
56 mW (3 to 12 V)
85 mW (24 V)
Approximately 2 ms without diode
Approximately 1 ms without diode
1000 M
Ω at 500 Vdc
1000 Vac (for one minute)
1500 V surge (10
× 160
µs ∗2)
1000 Vac (for one minute)
1500 V surge (10
× 160
µs∗2)
735 m / s2 (75 G) (misoperating)
980 m / s2 (100 G) (destructive failure)
10 to 55 Hz at double amplitude of 3 mm (20 G)
(misoperating)
10 to 55 Hz, at double amplitude of 5 mm (30 G)
(destructive failure)
–40
°C to 85°C
18 degrees at nominal coil voltage
1
× 108 operations (Non-latch type) ∗3
1
× 107 operations (latch type)
50 Vdc 0.1 A (resistive), 1
× 106 operations at 85˚C, 2 Hz
10 Vdc 10 mA (resistive), 1
× 106 operations at 85˚C, 2 Hz
Approximately 1.5 grams
Contact Form
Maximum switching power
Maximum switching voltage
Maximum switching current
Maximum carrying current
Minimum carrying ratings
Initial contact resistance
Contact material
Non-latch type and double coil latch type
Single coil Latch type
Non-latch type and double coil latch type
Single coil latch type
Operate time (excluding bounce)
Release time (excluding bounce)
Insulation resistance
Between open contacts
Breakdown voltage
Between adjacent contacts
Between coil and contact
Shock resistance
Vibration resistance
Ambient temperature
Coil temperature rise
Noload
Load
Weight
PERFORMANCE CHARACTERISTICS
1 This value is a reference value in the resistance load.
Minimum capacity changes depending on seitching frequency and environment temperature and the load.
2 Rise time : 10 µs, fall time : 160 µs
3 This shows a number of operation where it can be running by which a fatal defect is not caused, and a number of
operation by which a steady characteristic is maintained is 1
× 107 times.
MARKINGS (top view)
EB2-5
9106
JAPAN
1
4
3
4
3
6
5
2
5
1
EB2-5NU
9106
JAPAN
Standard type
UL recognized
CSA certified type
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No.1, 10)
y UL, CSA Marking
2
Minimum operating Power
Nominal operating Power
Running specifications
Contact rating
UL Recognized
CSA Certificated
(UL508)*
(CSA C22.2 No14)
File No E73266
File No LR46266
30 Vdc, 1 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vac, 0.5 A (Resistive)
* Spacing : UL114, UL478
SAFETY STANDARD AND RATING



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com