Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-12TNU-R Datasheet(PDF) 8 Page - NEC

Part # EB2-12TNU-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-12TNU-R Datasheet(HTML) 8 Page - NEC

  EB2-12TNU-R Datasheet HTML 1Page - NEC EB2-12TNU-R Datasheet HTML 2Page - NEC EB2-12TNU-R Datasheet HTML 3Page - NEC EB2-12TNU-R Datasheet HTML 4Page - NEC EB2-12TNU-R Datasheet HTML 5Page - NEC EB2-12TNU-R Datasheet HTML 6Page - NEC EB2-12TNU-R Datasheet HTML 7Page - NEC EB2-12TNU-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EB2 SERIES
GUIDE TO APPLICATIONS
1. When connecting coils, refer to the pin configuration to prevent misoperation or malfunction.
2. The latch type relay should be initialized at the appointed position (set or reset position) when using, and should
be energized or deenergized to the specified polarity to avoid wrong operations by reversed contact state.
3. Ultrasonic cleaning is not recommended to keep contact performance reliable. Alcohol-based solvents are
available as proper solvents.
4. Pressurized stress on the relay cover may affect reliable operation.
5. Minimum contact load of the relay is 10 mV, 10
µA. This value is a reference value in the resistance load.
Minimum capacity changes depending on swiching frequency and environment temperature and the load.
TAPE PACKAGE
Top cover tape
Embossed carrying tape
Index mark of relay direction
Relay orientation mark and tape carrying direction.
Appearance
Tape Dimensions Unit : mm (inch)
Index mark of relay direction
Tape carrying direction
EB2........-L
EB2........-R
500 Relays / Reel (Standard)
Reel
16.0
(0.05
)
B
ø1.5
ø2.2 (0.087)
(0.63)
2.0(0.079)
4.0(0.157)
0.4
(0.016)
A
+0.1
–0
+0.004
–0
AB
EB2-
∗∗
Max.8.1
12.1
EB2-
∗∗NU
(0.319)
(0.476)
EB2-
∗∗NUE
EB2-
∗∗NUH Max.7.9
9.9
(0.311)
(0.390)
EB2-
∗∗NUL Max.6.5
12.1
(0.256)
(0.476)
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of
NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document.
NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property
rights of third parties by or arising from use of a device described herein or any other liability arising from use of such
device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual
property rights of NEC Corporation or others.
While NEC Corporation has been making continuous effort to enhance the reliability of its electronic components, the
possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising
from a defect in an NEC electronic component, customers must incorporate sufficient safety measures in its design, such
as redundancy, fire-containment, and anti-failure features.
NEC devices are classified into the following three quality grades:
"Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer
designated "quality assurance program" for a specific application. The recommended applications of a device depend on
its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particu-
lar application.
Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual
equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots
Special:
Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-
crime systems, safety equipment and medical equipment (not specifically designed for life support)
Specific:
Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems
or medical equipment for life support, etc.
The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books.
If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact
an NEC sales representative in advance.
Anti-radioactive design is not implemented in this product.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com