Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB2-12TNU-R Datasheet(PDF) 4 Page - NEC

Part # EB2-12TNU-R
Description  COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EB2-12TNU-R Datasheet(HTML) 4 Page - NEC

  EB2-12TNU-R Datasheet HTML 1Page - NEC EB2-12TNU-R Datasheet HTML 2Page - NEC EB2-12TNU-R Datasheet HTML 3Page - NEC EB2-12TNU-R Datasheet HTML 4Page - NEC EB2-12TNU-R Datasheet HTML 5Page - NEC EB2-12TNU-R Datasheet HTML 6Page - NEC EB2-12TNU-R Datasheet HTML 7Page - NEC EB2-12TNU-R Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
EB2 SERIES
DATA SHEET ER0016EJ5V0DS00
PRODUCT LINEUP
Non-latch Type
Nominal Coil
Voltage
(Vdc)
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
64.3
145
178
257
579
1028
2880
Must Operate
Voltage
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
Must Release
Voltage
(Vdc)
0.3
0.45
0.5
0.6
0.9
1.2
2.4
Single-Coil Latch Type
at 20˚C
at 20˚C
at 20˚C
Nominal Coil
Voltage
(Vdc)
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
S
64.3
R
64.3
S
145
R
145
S
178
R
178
S
257
R
257
S
579
R
579
S
1028
R
1028
S
2880
R
2880
Must Operate
Voltage
(Vdc)
2.25
–
3.38
–
3.75
–
4.5
–
6.75
–
9
–
18
–
Must Release
Voltage
(Vdc)
–
2.25
–
3.38
–
3.75
–
4.5
–
6.75
–
9
–
18
Double-Coil Latch Type
∗∗ (Can not be driven by revese po;arity for reverse operation.)
Note
∗ Test by pulse voltage
∗∗ S : Set coil (pin No.1... , pin No.5... ) R: Reset coil (pin No.10... , pin No.6... )
The latch type relays should be initalized at appointed position before using, and should be enegized to specific
polanity by a bone polabity to avoid wrong operation.
Any special coil requirement, please contact NEC for availability.
Nominal Coil
Voltage
(Vdc)
3
4.5
5
6
9
12
24
Coil
Resistance
(
Ω) ±10 %
90
202.5
250
360
810
1440
3840
Must Operate
Voltage
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
Must Release
Voltage
(Vdc)
2.25
3.38
3.75
4.5
6.75
9
18
+
–
+
–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com