Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9241CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RT9241CS
Description  Two-Phase DC/DC Controller for CPU Core Power Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9241CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RT9241CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Preliminary
RT9241
DS9241-00 November 2001
www.richtek-ic.com.tw
3
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Protection
SS Current
VSS = 1V
--
10
--
µA
Over-Voltage Trip (VSEN/DACOUT)
116
120
124
%
Power Good
Upper Threshold (VSEN/DACOUT)
VSEN Rising
--
108
--
%
Lower Threshold (VSEN/DACOUT)
VSEN Rising
--
92
--
%
Function Block Diagram
Current
Balance
Processor
PWM Logic
& Driver
PWM Logic
& Driver
Oscillator
Current
Limit
OVP, PGOOD
POR Logic
92%
VDAC
120%
VDAC
Power On Reset
Droop
Control
SS
Control
DAC
PWM1
PWM2
ISP1
ISN1
ISP2
ISN2
DVD
INH
INH
INH
VDD
PGOOD
VID1
VID0
VID2
VID3
VID4
VSEN
ADJ
GND
FB
COMP
SS
CS1
CS2
PWMCP
PWMCP
108%
VDAC
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com