Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9241CS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # RT9241CS
Description  Two-Phase DC/DC Controller for CPU Core Power Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9241CS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button RT9241CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 9Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 10Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Preliminary
RT9241
DS9241-00 November 2001
www.richtek-ic.com.tw
7
Functional Pin Description
VID4, VID3, VID2, VID1 and VID0 ( Pin1,2,3,4,5)
DAC voltage identification inputs for VRM9.0. These
pins are TTL-compatible and internally pulled to VDD
if left open.
COMP (Pin 6)
Output of the error amplifier and input of the PWM
comparator.
FB (Pin 7)
Inverting input of the internal error amplifier.
ADJ (Pin 8)
Current sense output for active droop adjust. Connect
a resistor from this pin to GND to set the amount of
load droop.
DVD (Pin 9)
Programmable power UVLO detection input. Trip
threshold = 1.25V at V(DVD) rising
SS (Pin 10)
Connect this SS pin to GND with a capacitor to set
the start time interval. Pull this pin below 1V(ramp
valley of saw-tooth wave in pulse width modulator) to
shutdown the converter output.
ISEN1 (Pin 12), ISEN2 (Pin 11)
Current sense inputs from the individual converter
channel’s sense component GND nodes.
GND (Pin 13)
Ground for the IC.
VSEN (Pin 14)
Power good and over voltage monitor input. Connect
to the microprocessor-CORE voltage.
ISP1 (Pin 18), ISEN2 (Pin 15)
Current sense
inputs
for
individual
converter
channels. Tie this pin to the component sense node.
PWM1 (Pin 17), PWM2 (Pin 16)
PWM outputs for each driven channel. Connect these
pins to the PWM input of the MOSFET driver.
PGOOD (Pin 19)
Power good open-drain output.
VDD (Pin 20)
IC power supply. Connect this pin to a 5V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com