Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9241CS Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RT9241CS
Description  Two-Phase DC/DC Controller for CPU Core Power Supply
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RT9241CS Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RT9241CS Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 8Page - List of Unclassifed Manufacturers RT9241CS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RT9241
Preliminary
www.richtek-ic.com.tw
DS9241-00 November 2001
4
Table 1 Output Voltage Program
Pin Name
VID4
VID3
VID2
VID1
VID0
Nominal Output Voltage DACOUT
11
11
1
Off
11
11
0
1.100V
11
10
1
1.125V
11
10
0
1.150V
11
01
1
1.175V
11
01
0
1.200V
11
00
1
1.225V
11
00
0
1.250V
10
11
1
1.275V
10
11
0
1.300V
10
10
1
1.325V
10
10
0
1.350V
10
01
1
1.375V
10
01
0
1.400V
10
00
1
1.425V
10
00
0
1.450V
01
11
1
1.475V
01
11
0
1.500V
01
10
1
1.525V
01
10
0
1.550V
01
01
1
1.575V
01
01
0
1.600V
01
00
1
1.625V
01
00
0
1.650V
00
11
1
1.675V
00
11
0
1.700V
00
10
1
1.725V
00
10
0
1.750V
00
01
1
1.775V
00
01
0
1.800V
00
00
1
1.825V
00
00
0
1.850V
Note: (1) 0:Connected to GND (2) 1:Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com