Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # GL600USB
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button GL600USB Datasheet HTML 25Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
5.6
Timer Interrupt
Because CPU may enter timer interrupt routine at any time, the timer interrupt routine should
backup all special registers at its entry point and restore them before return.
(Address 0x004)
TIMER_ENTRY:
MOV
A_TEMP, A
SWAPR
A, STATUS
BCR
STATUS, BS
MOV
S_TEMP, A
MOV
A, INDAR
MOV
I_TEMP, A
;
; Execute interrupt service routine
;
MOV
A, I_TEMP
MOV
INDAR, A
SWAPR
A, S_TEMP
MOV
STATUS, A
SWAPR
A_TEMP
SWAPR
A, A_TEMP
BCR
INTEN, TMROF
RETI
5.7
Conditional Branch
Example: Conditional branch can be according to value of Accumulator. Firmware can use this
method to return value for lookahead table. Because Accumulator is only 8 bits wide, the higher 3
bits of Program Counter should be load into PCHBUF before the conditional branch executed.
(Address 0x540)
LOOKAHEAD:
MOVIA
0x05
MOV
PCHBUF, A
MOVIA
LOOKAHEAD_VAL
ADDAR
PCL, A
RETIA
0
; Acc = 0
RETIA
1
; Acc = 1
RETIA
2
; Acc = 2
.
.
.
.
.
.
5.8
Change Register Bank
Usually keeps BS = 0. If firmware want to access register address 0x80 to 0x8F, set BS = 1. After
process register address 0x80 to 0x8F complete, clear BS = 0 to address 0x00 to 0x7F.
BSR
STATUS, BS
MOV
PORT1CON, A
BCR
STATUS, BS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com