Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL600USB Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GL600USB
Description  USB MOUSE MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL600USB Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GL600USB Datasheet HTML 10Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 11Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 12Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 13Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 14Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 15Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 16Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 17Page - List of Unclassifed Manufacturers GL600USB Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
14
06/19/2000
GL600USB/GL600USB-A/GL600USB-B
Revision 1.3
1: Endpoint 0 FIFO data are ready to be transmitted. Data will be transmitted when a valid IN
token is received. This bit is automatically cleared by hardware after the transaction complete
(ACK is received).
0: Endpoint 0 FIFO data are not ready to be transmitted and respond with a NAK to a valid IN
transaction.
Value on POR: “- 0 0 0 0 0 0 0”
Note 1: “W/O” means write-only bit. 0 will be returned when reading this bit
FFDAT0 (Address 17h, Endpoint 0 FIFO port)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFDAT7
FFDAT6
FFDAT5
FFDAT4
FFDAT3
FFDAT2
FFDAT1
FFDAT0
Endpoint 0 FIFO data port
Endpoint 0 FIFO is a 8 bytes FIFO. Firmware can read/write this port 8 times to get/put the FIFO
data.
Value on POR: “x x x x x x x x”
FFDAT1 (Address 18h, Endpoint 1 FIFO port)
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
FFDAT7
FFDAT6
FFDAT5
FFDAT4
FFDAT3
FFDAT2
FFDAT1
FFDAT0
Endpoint 1 FIFO data port
Endpoint 1 FIFO is 8 bytes FIFO. Firmware can read this port 8 times to get the FIFO data.
Value on POR: “x x x x x x x x”
EP0RXST (Address 19h, Endpoint 0 receiving status register)
R/O
R/O
R/O
R/O
RXST3
RXST2
RXST1
RXST0
RXST[3:0]: If EP0RX is set, then there’s a complete transaction. RXST[3:0] indicate the packet received.
Bit Value
Packet received
1001
SETUP token with DATA0 packet
0101
OUT token with DATA0 packet
0110
OUT token with DATA1 packet
Value on POR: “- - - - x x x x”
4.3
MCU FUNCTION REGISTERS
Address
Name
Function
00h
INDR
Addressing this location will use the content of INDAR to address data
memory (not a physical address)
01h
TIMER
Timer register
02h
PCL
Program Counter’s low byte
03h
STATUS
Status register
04h
INDAR
Indirect address register
06h
PORT1
Port 1 data register
07h
PORT2
Port 2 data register
0Ah
PCHBUF
Write buffer of Program Counter’s bit 10-8
0Bh
INTEN
Interrupt enable register
0Dh
PHVAL
Photo-sensor value register
0Eh
PHSEL
Photo-sensor input select register
0Fh
DMODE
Photo-sensor input mode register
80h
INDR
Addressing this location will use the content of INDAR to address data
memory (not a physical address)
81h
PSCON
Prescaler control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com