Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL850 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 17Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 18Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 19Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 20Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 21Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 22Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 23Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 24Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 21
DVDD(3.3V)
100K ohm
100K ohm
DVDD(3.3V)
Suspend LED
Indicator
Suspend LED
Indicator
GAND Mode
Individual
Mode
"0": Individual Mode
"1": GANG Mode
SUSPNDO
GANG_CTL
Inside GL850
On PCB
Figure 5.6 - GANG Mode Setting
5.2.3 SELF/BUS Power Setting
GL850 can operate under bus power and conform to the power consumption limitation completely (suspend
current < 2.5 mA, normal operation current < 100 mA). By setting PSELF, GL850 can be configured as a
bus-power or a self-power hub.
1: Power Self
0: Power Bus
PSELF
Inside GL850
On PCB
Figure 5.7 - SELF/BUS Power Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com