Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL850 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 32Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 33Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 34Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 35Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 36Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 37Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 38Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 39Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 39
Table 6.4 - DC Characteristics of USB Signals Under HS Mode
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIL
Low-level input voltage with HS termination
resistor enabled, Pull-up resistor disconnected
mV
VIH
High-level input voltage with HS termination
resistor enabled, Pull-up resistor disconnected
mV
VIL
Low-level input voltage with HS termination
resistor enabled, Pull-up resistor connected
mV
VIH
High-level input voltage with HS termination
resistor enabled, Pull-up resistor connected
mV
VOL
DPH/DMH static output LOW(RL of 1.5K to
3.6V )
0.3
V
VOH
DPH/DMH static output HIGH (RL of 15K to
GND )
2.8
3.6
V
CIN
Transceiver capacitance
20
pF
ILO
Hi-Z state data line leakage
-10
+10
µA
ZDRV
Driver output resistance for USB2.0 HS
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com