Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GL850 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # GL850
Description  USB 2.0 4-PORT HUB Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GL850 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button GL850 Datasheet HTML 9Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 10Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 11Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 12Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 13Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 14Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 15Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 16Page - List of Unclassifed Manufacturers GL850 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
GL850 USB 2.0 4-Port HUB Controller
©2000-2003 Genesys Logic Inc.—All rights reserved.
Page 13
3.3 Pin Descriptions
Table 3.2 - Pin Descriptions
USB Interface
Pin#
Pin Name
Type
Description
2,3,4,5
DMF0,DMH0,
DPH0,DPF0
B
USB signals for USPORT
7,8,9,10
DM1,DMH1,
DPH1,DP
B
USB signals for DSPORT1
13,14,
15,16
DM2,DMH2,
DPH2,DP2
B
USB signals for DSPORT2
24,25,
26,27
DM3,DMH3,
DPH3,DP3
B
USB signals for DSPORT3
30,31,
32,33
DM4,DMH4,
DPH4,DP4
B
USB signals for DSPORT2
6
RPU
B
RPU connects 1.5K Ω resister to 3.3V. RPU can be set to
disconnected by externally resetting RESET#
17
RREF
B
A 510Ω resister must be connected between RREF and analog
ground (AGND).
Note: USB signals must be carefully handled in PCB routing. For detailed information, please refer to
GL850 Design Guideline.
HUB Interface
Pin#
Pin Name
Type
Description
56,54,
42,40
OVCUR1#~
OVCUR4#
I
(pu)
Active low. Over current indicator for DSPORT1~
DSPORT4
For GANG mode, OVCUR1# is the only over current flag for
GL850
57,55,
43,41
PWREN1#~
PWREN4#
O
(pu)
Active low. Power enable output for DSPORT1~
DSPORT4
For GANG mode, PWREN1# is the only power enable output for
GL850.
60,48,
44,34
GREEN1~
GREEN4
O
(pd)
Green LED indicator for DSPORT1~DSPORT4
61,49,
45,35
AMBER1~
AMBER4
O
(pd)
Amber LED indicator for DSPORT4~DSPORT1
*AMBER[4~1] are also used to access the external
EEPROM. For detailed information, please refer to
Chapter 5.
50
PSELF
I
0: GL850 is bus-powered.
1: GL850 is self-powered.
53
PGANG/
SUSPND
B
(pd)
This pin is default put in input mode after power-on reset.
Individual/gang mode is strapped during this period. After the
strapping period, this pin will be set to output mode, and then
output high for normal mode. When GL850 is suspended, this pin
will output low.
*For detailed explanation, please see Chapter 5
Input: 0: individual, 1: gang
Output: 0: suspend, 1: normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com