Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR21571 Datasheet(PDF) 12 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 12 Page - International Rectifier

Back Button IR21571 Datasheet HTML 8Page - International Rectifier IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier IR21571 Datasheet HTML 11Page - International Rectifier IR21571 Datasheet HTML 12Page - International Rectifier IR21571 Datasheet HTML 13Page - International Rectifier IR21571 Datasheet HTML 14Page - International Rectifier IR21571 Datasheet HTML 15Page - International Rectifier IR21571 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
IR21571(S)
12
www.irf.com
Lamp Protection & Automatic Restart Circuitry Operation
Three leads on the IR21571 are used for protection, as shown in Figure 10 below. These are VDC (dc bus
monitor), SD (unlatched shutdown), CS (latched shutdown) and OC (CS+ threshold programming).
Figure 10: Lamp protection & automatic restart circuitry block diagram with external component connection.
Sensing the DC Bus Voltage
The first of these protection leads senses the voltage
on the DC bus by means of an external resistor
divider and an internal comparator with hysteresis.
When power is first supplied to the IC at system
startup, 3 conditions are required before oscillation
is initiated: 1.) the voltage on the VCC lead must exceed
the rising undervoltage lockout threshold (11.5V),
2.) the voltage at the VDC lead must exceed 5.1V, and
3.) the voltage on the SD lead must be below
approximately 1.85V. If a low dc bus condition occurs
during normal operation, or if power to the ballast is
shut off, the dc bus will collapse prior to the VCC of the
chip (assuming the VCC is derived from a charge
pump off of the output of the half-bridge). In this
case, the voltage on the VDC lead will shut the oscillator
off, thereby protecting the power transistors from
potentially hazardous hard switching. Approximately
2V of hysteresis has been designed into the internal
comparator sensing the VDC lead, in order to account
for variations in the dc bus voltage under varying
load conditions. When the dc bus recovers, the chip
restarts from the beginning of the control sequence,
as shown in timing diagram Figure 11.
OVER-
TEMP
DETECT
2
4.0V
5.1V
7.6V
3.0V
5.1V
1
1.0uA
7
CPH
DT
VDC
Q
T
RQ
8
OC
2.0V
10
0.2V
CS
Q
S
RQ
QD
R
Q
CLK
Q
S
R
Q
UNDER-
VOLTAGE
DETECT
from oscillator
section
+V
BUS
from lower
lamp cathode
R
CS
R3
R4
R5
R1
C1
R2
Q2
9
SD
50uA
7.6V
7.6V
7.6V
R
OC
C2
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com