Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR21571 Datasheet(PDF) 13 Page - International Rectifier

Part # IR21571
Description  FULLY INTEGRATED BALLAST CONTROL IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21571 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR21571 Datasheet HTML 9Page - International Rectifier IR21571 Datasheet HTML 10Page - International Rectifier IR21571 Datasheet HTML 11Page - International Rectifier IR21571 Datasheet HTML 12Page - International Rectifier IR21571 Datasheet HTML 13Page - International Rectifier IR21571 Datasheet HTML 14Page - International Rectifier IR21571 Datasheet HTML 15Page - International Rectifier IR21571 Datasheet HTML 16Page - International Rectifier IR21571 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
IR21571(S)
www.irf.com
13
Figure 11: VDC lead fault and auto restart
Lamp Presence Detection and
Automatic Restart
The second protection lead, SD, is used for both
unlatched shutdown and automatic restart functions.
The SD lead would normally be connected to an
external circuit which senses the presence of the
lamp (or lamps), as shown in Figure 12.
When the SD lead exceeds 2.0V (approximately
150mV of hysteresis is included to increase noise
immunity), signaling either a lamp fault or lamp
removal, the oscillator is disabled, both gate driver
outputs are pulled low, and the chip is put into the
micropower mode. Since a lamp fault would normally
lead to a lamp exchange, when a new lamp is
inserted into the fixture, the SD lead would be pulled
back to near the ground potential. Under these
Figure 12: Lamp presence detection circuit
connection (shaded area)
conditions a reset signal would restart the chip from
the beginning of the control sequence, as shown in
the timing diagram in Figure 13.
Figure 13: SD lead fault and auto restart
RUN mode
Low VDC
CT
4
VDC
3
5
CPH
8
LO
15
HO-VS
15
Restart
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDC
CPH
RPH
RT
RUN
CT
DT
OC
LO
COM
VCC
VB
VS
HO
SD
CS
+ V
BUS
+ rectified
AC Line
V
BUS return
C
BS
D
BOOT
R
Supply
C
VCC
R
CS
L
RES
C
RES
R
GHS
R
GLS
C
BLOCK
C
SNUBBER
R4
R3
R5
C2
D1
D2
RUN mode
SD mode
CT
4
CPH
8
LO
15
HO-VS
15
Restart
SD
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com