Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9182ACE Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9182ACE
Description  DUAL, LOW-NOISE, 200mA LDO REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9182ACE Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9182ACE Datasheet HTML 1Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 2Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 3Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 4Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 5Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 6Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 7Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 8Page - Richtek Technology Corporation RT9182ACE Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Preliminary
RT9182
DS9182-02 April 2002
www.richtek-ic.com.tw
5
Channel-to-Channel Isolation
vs. Frequency
0
20
40
60
80
100
120
Frequency (Hz)
RLOAD = 100Ω
100
1K
10K
100K
1M
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈
≈
Shutdown Response
1mS/Div
Time
ILOAD = 50mA
T
T
T
1 >
1 >
1 >
1 >
2↓
2↓
2↓
2↓
≈
≈
4.5
3.5
Line Transient Response
50
µS/Div
Time
Noise Density vs. Frequency
Frequency (Hz)
10
100
1K
10K
100K
10K
1K
100
10
T
1 >
1 >
1 >
1 >
Output Noise (10Hz to 100kHz)
1mS/Div
Time
ILOAD = 1mA
T
T
T
1 >
1 >
1 >
1 >
2 >
2 >
2 >
2 >
≈
Load Transient Response
(ILOAD = 0 to 80mA)
10
µS/Div
Time
≈
COUT = 2.2
µF
Peak value depends on COUT ESR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com